Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3003R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3003R
Description  Baseband analog processing IC for dual-mode CDMA/FM cellular phone
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3003R Datasheet(HTML) 1 Page - Sony Corporation

  CXA3003R Datasheet HTML 1Page - Sony Corporation CXA3003R Datasheet HTML 2Page - Sony Corporation CXA3003R Datasheet HTML 3Page - Sony Corporation CXA3003R Datasheet HTML 4Page - Sony Corporation CXA3003R Datasheet HTML 5Page - Sony Corporation CXA3003R Datasheet HTML 6Page - Sony Corporation CXA3003R Datasheet HTML 7Page - Sony Corporation CXA3003R Datasheet HTML 8Page - Sony Corporation CXA3003R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
—1—
E96434-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
–0.3 to 5.5
V
• Operating temperature
Ta
–55 to +125
°C
• Storage temperature
Tstg
–65 to +150
°C
Recommended Operating Conditions
• Supply voltage
VCC
3.3±0.165
V
• Operating temperature
Ta
–40 to +85
°C
Description
The CXA3003R is a baseband analog processing
IC for dual-mode CDMA/FM cellular phone. The
CXA3003R interfaces between the inter-frequency
section and the digital processing circuitry of the
telephone. The receive circuit functions primarily
convert analog IF signals to the analog baseband
frequency range and to convert the analog
baseband signals into digital signals. Transmit
circuits convert digital data into analog baseband
signals which are then up-convert to the IF
frequency range.
Features
• Receive signal path includes:
· IF to baseband down conversion
· Built-in trim-free low-pass filter for CDMA and
FM
· Built-in A/D convertor convert the RX base
band signal to the digital signal
· Analog output Receive Signal Strength
Indicator (RSSI) for CDMA
· Local Oscillator for I-Q mixer
• Transmit signal path includes:
· Built-in D/A convertor convert the digital I-Q
data to the analog baseband signal
· Built-in trim-free low-pass filter for CDMA and
FM
· Baseband to IF up-conversion
· Local Oscillator for I-Q mixer
· Built-in PLL for TX IF
• Built-in House keeping A/D convertor
• Low power consumption in all modes
• Single 3.3 V power supply
Applications
• dual-mode CDMA/FM cellular telephone
Baseband analog processing IC for dual-mode CDMA/FM cellular phone
80 pin LQFP (Plastic)
CXA3003R
For the availability of this product, please contact the sales office.


Similar Part No. - CXA3003R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
RX Gain Control Amplifier
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
L-BAND DOWN CONVERTER IC
CXA3008N-2 SONY-CXA3008N-2 Datasheet
225Kb / 12P
L-BAND DOWN CONVERTER IC
More results

Similar Description - CXA3003R

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
Dual Mode CDMA/AMPS Baseband Interface
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
CDMA/AMPS Dual Mode IF/ baseband IC
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
LED Driver IC for Cellular Phone
logo
ANADIGICS, Inc
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
Dual Mode CDMA/AMPS Baseband Interface
logo
Skyworks Solutions Inc.
CX20470 SKYWORKS-CX20470 Datasheet
211Kb / 18P
CDMA Baseband Analog Processor
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
Baseband Processor for Analog Cellular Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com