Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF3454XT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MGSF3454XT1
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3454XT1 Datasheet(HTML) 2 Page - Motorola, Inc

  MGSF3454XT1 Datasheet HTML 1Page - Motorola, Inc MGSF3454XT1 Datasheet HTML 2Page - Motorola, Inc MGSF3454XT1 Datasheet HTML 3Page - Motorola, Inc MGSF3454XT1 Datasheet HTML 4Page - Motorola, Inc MGSF3454XT1 Datasheet HTML 5Page - Motorola, Inc MGSF3454XT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MGSF3454XT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 10 µA)
V(BR)DSS
30
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 70°C)
IDSS
—
—
—
—
1.0
25
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
—
—
±100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
VGS(th)
1.0
—
—
Vdc
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 1.75 A)
(VGS = 4.5 Vdc, ID = 1.5 A)
rDS(on)
—
—
0.05
0.07
0.065
0.095
Ohms
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 V)
Ciss
—
345
—
pF
Output Capacitance
(VDS = 5.0 V)
Coss
—
215
—
Transfer Capacitance
(VDG = 5.0 V)
Crss
—
140
—
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
10 Vd
I
1 0 A
td(on)
—
10
—
ns
Rise Time
(VDD = 10 Vdc, ID = 1.0 A,
tr
—
15
—
Turn–Off Delay Time
( DD
, D
,
VGEN = 10 V, RL = 10 Ω)
td(off)
—
20
—
Fall Time
tf
—
10
—
Gate Charge
QT
—
—
15
nC
SOURCE–DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
—
—
1.0
A
Pulsed Current
ISM
—
—
5.0
A
Forward Voltage(2)
VSD
—
—
1.2
V
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Output Characteristics
Figure 2. On–Resistance versus Drain Current
7.0
10
1.0
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
7.0
6.0
4.0
5.0
3.0
ID, DRAIN CURRENT (AMPS)
7.0
0
0.10
0.06
0.04
0.02
2.0
1.0
4.0
2.0
3.0
5.0
6.0
8.0
9.0
5.0
6.0
1.0
2.0
3.0
4.0
0.08
0.12
0
0
VGS = 10 V
TJ = 150°C
VGS = 4.5 V
4.0 V
3.5 V
3.0 V
2.5 V
2.25 V
25
°C
–55
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com