Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDS2C15GTH Datasheet(PDF) 5 Page - EPCOS

Part # CDS2C15GTH
Description  High-speed series
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CDS2C15GTH Datasheet(HTML) 5 Page - EPCOS

  CDS2C15GTH Datasheet HTML 1Page - EPCOS CDS2C15GTH Datasheet HTML 2Page - EPCOS CDS2C15GTH Datasheet HTML 3Page - EPCOS CDS2C15GTH Datasheet HTML 4Page - EPCOS CDS2C15GTH Datasheet HTML 5Page - EPCOS CDS2C15GTH Datasheet HTML 6Page - EPCOS CDS2C15GTH Datasheet HTML 7Page - EPCOS CDS2C15GTH Datasheet HTML 8Page - EPCOS CDS2C15GTH Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Recommended solder pads
Single device
Dimensions in mm
Case size
(inch)
(mm)
0201
0603
0402
1005
0603
1608
1003
2508
A
0.3
0.6
1.0
0.8
B
0.25
0.6
1.0
0.8
C
0.3
0.5
1.0
1.45
Array devices
4-fold array
2/4 data + 1 supply
Dimensions in mm
Case size
(inch)
(mm)
0506
1216
0508
1220
0612
1632
1012
2532
A
0.36
0.35
0.5
0.7
B
0.84
0.9
0.7
1.0
C
0.62
0.4
1.2
1.4
E
0.50
0.5
0.76
0.95
CeraDiodes
High-speed series
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com