| Electronic Components Datasheet Search |
|
PIC12F615 Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F615 Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 20 page ![]() www.microchip.com/lighting LED Lighting Solutions Design Guide 19 LED Lighting Solutions Voltage Output Temperature Sensors The most basic technique employed to protect the device from damaging over-temperature conditions is to provide a shutdown signal to the driver circuit when a pre-defined threshold is reached. However, this behavior can be unacceptable in applications where continuous lighting is required for safety or regulatory conditions. A more advanced approach can be obtained if a microcontroller is used to manage the lighting application providing closed loop control of the power supplied by the driver circuit. As the temperature approaches the threshold the current supplied can be reduced to limit the power output. By using a Voltage Output Temperature Sensor such as the MCP9700 and MCP9701, placed on the LED module close to the emitting device, it is possible to provide a linear voltage feedback signal to a PIC microcontroller. This solution ensures that the light source can always operate at a power level that remains within temperature limits. Almost any kind of software algorithm can be implemented in the microcontroller to respond to the temperature feedback, allowing tremendous flexibility. MCP9700/9700A MCP9701/9701A 123 1 VDD VOUT GND Bottom View 5-Pin SC-70 3-Pin TO-92 MCP9700/9701 Only VDD VOUT GND NC NC MCP9700/01 Voltage Output Temperature Sensors Power LED Thermal Control Circuit Using MCP9700 and MCP1650 Alternatively a PIC microcontroller can perform a direct PWM control (on/off) of the entire LED driving circuit at low frequency (100-120 Hz). By limiting the average on-time of the power LED, the total power output can be limited. This technique has the advantage of stabilizing the application temperature while maintaining the LED driving current constant therefore limiting the LED color shift produced by forward current changes. The diagram below illustrates an example of a switching DC-DC converter design based on the MCP1650 boost regulator controlled by a 6-pin PIC10F220 microcontroller. Learn More The Intelligent Power Supply Design Center (www.microchip.com/power) features temperature sensing solutions, including application notes and product selection charts. Literature on the Web ■ DG4 – Temperature Sensor Design Guide, DS21895 Boost Converter SHDN Vcc GND GP0 AN1 GP2 GP3 User Interface Communication PWM Power Control MCP1650 PIC10F220 VOUT VCC GND MCP9700 Temperature Sensing High Power LED Module Power LED Thermal Control Circuit Using MCP9700 and MCP1650 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |