Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7240CFDW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CFDW Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7240CFDW Datasheet HTML 19Page - Texas Instruments ISO7240CFDW Datasheet HTML 20Page - Texas Instruments ISO7240CFDW Datasheet HTML 21Page - Texas Instruments ISO7240CFDW Datasheet HTML 22Page - Texas Instruments ISO7240CFDW Datasheet HTML 23Page - Texas Instruments ISO7240CFDW Datasheet HTML 24Page - Texas Instruments ISO7240CFDW Datasheet HTML 25Page - Texas Instruments ISO7240CFDW Datasheet HTML 26Page - Texas Instruments ISO7240CFDW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com
SLLS868N
– SEPTEMBER 2007 – REVISED JANUARY 2012
Changes from Revision I (December 2008) to Revision J
Page
•
Changed ICC1 for Quiescent and 1Mbps From: 10mA To: 11mA ......................................................................................... 4
•
Changed ICC1 for Quiescent and 1Mbps From: 10mA To: 11mA ......................................................................................... 6
Changes from Revision J (April 2009) to Revision K
Page
•
Changed the Input circuit in the DEVICE I/O SCHEMATICS illustration ............................................................................ 17
Changes from Revision K (Decemberl 2009) to Revision L
Page
•
Added the IEC 60747-5-2 INSULATION CHARACTERISTIC table ..................................................................................... 3
•
Added CTI - Tracking resistance (comparative tracking index to the PACKAGE CHARACTERISTICS table .................. 16
•
Added the IEC 60664-1 RATINGS TABLE ......................................................................................................................... 16
Changes from Revision L (January 2010) to Revision M
Page
•
Changed Figure 1, Figure 3, and Figure 4 ......................................................................................................................... 14
•
Changed the CSA File Number From: 1698195 To: 220991 ............................................................................................. 17
Changes from Revision M (January 2011) to Revision N
Page
•
Changed Feature From: 4000-Vpeak Isolation, 560-Vpeak VIORM To: 4000-Vpeak VIOTM, 560-Vpeak VIORM per IEC
60747-5-2 (VDE 0884, Rev 2) .............................................................................................................................................. 1
•
Changed Feature From: Operates 3.3-V or 5-V Supplies To: Operates With 2.8-V (ISO7241C), 3.3-V or 5-V
Supplies ................................................................................................................................................................................ 1
•
Added device options to VCC in the RECOMMENDED OPERATING CONDITIONS table .................................................. 3
•
Changed Table Note (1) ....................................................................................................................................................... 3
•
Changed ICC1 and ICC2 test conditions in the VCC1 and VCC2 at 5-V table ............................................................................. 4
•
Changed Table Note (1) ....................................................................................................................................................... 4
•
Changed ICC1 and ICC2 test conditions in the VCC1 at 5-V, VCC2 at 3.3-V table ...................................................................... 6
•
Changed Table Note (1) ....................................................................................................................................................... 6
•
Changed ICC1 and ICC2 test conditions in the VCC1 at 3.3-V, VCC2 at 5-V table ...................................................................... 8
•
Changed Table Note (1) ....................................................................................................................................................... 8
•
Changed ICC1 and ICC2 test conditions in the VCC1 and VCC2 at 3.3 V table ........................................................................ 10
•
Changed Table Note (1) ..................................................................................................................................................... 10
•
Added ELECTRICAL and Switching CHARACTERISTICS tables forVCC1 and VCC2 at 2.8V (ISO722xC-only) ................. 12
•
Changed the CTI MIN value From:
≥175 V To:≥400 V ...................................................................................................... 16
•
Changed the REGULATORY INFORMATION Table ......................................................................................................... 17
•
Changed Figure 12 From VCC1 Failsafe Threshold To: VCC Undervoltage Threshold ........................................................ 19
Copyright
© 2007–2012, Texas Instruments Incorporated
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com