Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF3455VT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MGSF3455VT1
Description  P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF3455VT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MGSF3455VT1 Datasheet HTML 1Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 2Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 3Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 4Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 5Page - Motorola, Inc MGSF3455VT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MGSF3455VT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 7. Source–Drain Diode Forward Voltage
Figure 8. On–Resistance vs. Gate–to–Source Voltage
Figure 9. Threshold Voltage
Square Wave Pulse Duration (sec)
2
0.1
0.01
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
Figure 10. Single Pulse Power
Figure 11. Normalized Thermal Transient Impedance, Junction–to–Ambient
TJ, TEMPERATURE (°C)
25
50
75
100
125
ID = 250 µA
150
–0.3
0.60
0.45
0.30
0.15
0.0
–0.15
0
VSD, SOURCE–TO–DRAIN VOLTAGE (V)
1
10
20
TJ = 150°C
0
0.25
0.50
0.75
1.00
1.25
1.5
1.75
02
4
6
8
10
0
0.08
0.16
0.24
VGS – GATE–TO–SOURCE VOLTAGE (V)
0.32
0.40
ID = 3.5 A
0.01
0.10
1.00
10.00
0
6
12
18
TIME (sec)
24
30
TJ = 25°C
–25
–50
1
0.2
Duty Cycle = 0.5
0.05
SINGLE PULSE
0.1
0.02
R
θJC(t) = r(t) RθJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com