| Electronic Components Datasheet Search |
|
ATSHA204 Datasheet(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSHA204 Datasheet(HTML) 2 Page - ATMEL Corporation |
|
2 / 65 page ![]() Atmel ATSHA204 [DATASHEET] 2 8740D −CRYPTO−3/12 1. Introduction The following sections introduce the features and functions of the Atmel ® ATSHA204 authentication device. 1.1 Applications The ATSHA204 is a member of the Atmel CryptoAuthentication™ family of high-security hardware authentication devices. It has a flexible command set that allows use for many applications, including the following: • Anti-counterfeiting Validate that a removable, replaceable, or consumable client is authentic. Example clients could be printer ink tanks, electronic daughter cards, or other spare parts. It can also be used to validate a software/firmware module or memory storage element. • Protection for Firmware or Media Validate code stored in flash memory at boot to prevent unauthorized modifications (aka secure boot), encrypt downloaded media files, and uniquely encrypt code images to be usable on a single system only. • Session Key Exchange Securely and easily exchange stream encryption keys for use by an encryption/decryption engine in the system microprocessor to manage such things as a confidential communications channel or an encrypted download. • Secure Data Storage Store secret keys for use by crypto accelerators in standard microprocessors. It can also be used to store small quantities of data necessary for configuration, calibration, ePurse value, consumption data, or other secrets. Programmable protection up through encrypted/authenticated reads and writes. • User Password Checking Validate user entered passwords without letting the expected value become known, map simple passwords to complex ones, and securely exchange password values with remote system. 1.2 Device Features The ATSHA204 includes an Electrically Erasable Programmable Read-only Memory (EEPROM) array that can be used for storage of keys, miscellaneous read/write, read-only or secret data, consumption logging, and security configuration. Access to the various sections of memory can be restricted in a variety of ways and the configuration then locked to prevent changes. See Section 2.1, “EEPROM Organization,” for more details on the EEPROM organization. The ATSHA204 features a wide array of defensive mechanisms specifically designed to prevent physical attacks on the device itself or logical attacks on the data transmitted between the device and the system (See Section 3.4, “Security Features,” for more details). Hardware restrictions on the ways in which keys are used or generated, described in Section 3.3, “Key Values,” provide further defense against certain styles of attack. Access to the device is through a standard I 2C interface at speeds up to 1Mbit/sec (See Section 6 for details on this interface). It is compatible with standard serial EEPROM I 2C interface specifications. The device also supports a single-wire interface that can reduce the number of GPIOs required on the system processor and/or reduce the number of pins on connectors. The single-wire interface is described in more detail in Section 5, “Single-wire Interface.” Using either the I 2C or single-wire interface, multiple ATSHA204 devices can share the same bus, which saves processor GPIO usage in systems with multiple clients such as different color ink tanks or multiple spare parts. See Section 4.2, “Sharing the Interface,” and Section 8.10, “Pause Command,” for more details on the way in which this is implemented. Each ATSHA204 ships with a guaranteed unique 72-bit serial number. Using the cryptographic protocols supported by the device, a host system or remote server can prove that the serial number is both authentic and not a copy. Serial numbers are often stored in a standard serial EEPROM, but these can be easily copied, and there is no way for the host to know if the serial number is authentic or a clone. The Atmel ATSHA204 can generate high-quality random numbers and employ them for any purpose, including as part of the crypto protocols of this device. Because each 256-bit random number is guaranteed to be unique from all numbers ever generated on this or any other device, their inclusion in the protocol calculation ensures that replay attacks (re-transmitting a |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |