Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIN-12F2AX Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # SLIN-12F2AX
Description  2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLIN-12F2AX Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button SLIN-12F2AX Datasheet HTML 7Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 8Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 9Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 10Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 11Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 12Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 13Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 14Page - Bel Fuse Inc. SLIN-12F2AX Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
11
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
December 2, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Test Configurations
Input Reflected Ripple Current Test Setup.
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
1μH
CS 1000μF
Electrolytic
E.S.R.<0.1
Ω
@ 20°C 100kHz
2x100μF
Tantalum
VIN(+)
COM
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 1μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
CIN
Output Ripple and Noise Test Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Vo+
COM
0.1uF
RESISTIVE
LOAD
SCOPE USING
BNC SOCKET
COPPER STRIP
GROUND PLANE
10uF
Output Voltage and Efficiency Test Setup.
VO
COM
VIN(+)
COM
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com