Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2012 Datasheet(PDF) 35 Page - Kemet Corporation

Part # 2012
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

2012 Datasheet(HTML) 35 Page - Kemet Corporation

Back Button 2012 Datasheet HTML 31Page - Kemet Corporation 2012 Datasheet HTML 32Page - Kemet Corporation 2012 Datasheet HTML 33Page - Kemet Corporation 2012 Datasheet HTML 34Page - Kemet Corporation 2012 Datasheet HTML 35Page - Kemet Corporation 2012 Datasheet HTML 36Page - Kemet Corporation 2012 Datasheet HTML 37Page - Kemet Corporation 2012 Datasheet HTML 38Page - Kemet Corporation 2012 Datasheet HTML 39Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
35
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
35
EMI Filters
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Chassis Mount Single Phase Filters
Series
Current
Rating (A)
L(mH)
Capacitance x (µF)
Capacitance
y (nF)
Benefits
FLLE2…FP
10 - 25
4x3 +
2x0.036
1 + 0.4 + 1
4x22
Very low profile
High attenuation
Multistage design
Residential or light industrial environments
Motor drive
•
•
•
•
•
Series
Current Rating (A)
Benefits
Applications
FLLE2…SR
1 - 100
High attenuation
Multistage design
•
•
Shielded rooms and secure areas
Direct mounting via pipe outlet
•
•
Series
Current
Rating (A)
L(mH)
Capacitance x (µF)
Capacitance
y (nF)
Benefits
FLLE2…AN
8 - 63
2x1 - 2x10
2.2 - 4.4 & 0.68 - 1
2x10 - 2x33 &
2x4 - 2x94
General applications
High attenuation
Industrial environments
Motor drive
•
•
•
•
FLLE2…AI,...AS 6 - 20
2x1 - 2x2.4
2x0.68 - 4x2.2
2x4. - 2x33
Very high symmetric and asymmetric attenuation
Single or two stage designs
Frequency converters
•
•
•
Series
Current Rating (A)
Benefits
FLLE2…PV
25 - 1600
Solar panel inverters
•
Series
Current
Rating (A)
L(mH)
Capacitance x (µF)
Capacitance
y (nF)
Benefits
FBK
10 - 30
2x0.6 - 2x0.8
2x0.33 - 2x0.4
2x4. - 2x10
Multistage chassis mount filters
Metal enclosures, various terminations
Medical versions available
General, high and very high performance
•
•
•
•
FBR
1 - 16
2x2.8 - 2x22
2x0.33 - 2x1
2x4.
FBS
1 - 16
2x0.043 - 2x22
2x0.33 - 2x1
2x4.
Series
Current
Rating (A)
L(mH)
Capacitance x (µF)
Capacitance
y (nF)
Benefits
FAI
1 - 30
2x0.5 - 2x10
0.015 - 0.1
2x2.2 - 2x3.2
Single or multistage chassis mount filters
Metal enclosures, various terminations
Medical versions available
High symmetric and asymmetric attenuation
•
•
•
•
FAK
3 - 20
2x0.5 - 2x25
0.15 - 0.4
2x1 - 2x5.6
FAM
1 - 40
2x0.2 - 2x20
0.1 - 1
2x1 - 2x22
FAR
0.5 - 8.5
2x2 - 2x40
0.15 - 0.4
2x2.2 - 2x3.3
FAS
1 - 10
2x0.05 - 2x22
0.22 - 1.0
2x4. - 2x22
Chassis Mount Single Phase General Purpose Filters
Chassis Mount Single Phase General Purpose Filters • Multistage
Chassis Mount Single Phase High Performance Filters • Low Profile
Single Phase Power Line Filters
Chassis Mount Single Phase High Performance Filters
Chassis Mount DC EMI Filters for Photovoltaic Inverters
EMI Filters for Light Fittings
Series
Current Rating (A)
Benefits
FLH...DK
1.4 - 
Complies to EN/IEC 60939
Enables compliance to EN 55015 for light fittings for CE marking
No increase in ground current
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com