Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # HS1A
Description  SURFACE MOUNT G L A SS HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

HS1A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  HS1A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd HS1A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
1.0A
HS1A THRU HS1M
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
Case
Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.064 grams
Mounting position: Any
GLASS HIGH EFFICIENCY RECTIFIERS
SURFACE MOUNT


Similar Part No. - HS1A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
66Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A Datasheet
133Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS1A GOOD-ARK-HS1A Datasheet
192Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Taiwan Semiconductor Co...
HS1A TSC-HS1A Datasheet
471Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS1A YANGJIE-HS1A Datasheet
143Kb / 2P
High Efficient Rectifier
More results

Similar Description - HS1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF3A TAYCHIPST-UF3A Datasheet
2Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
US2A TAYCHIPST-US2A Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMA TAYCHIPST-UF1A_SMA Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMB TAYCHIPST-UF1A_SMB Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
US2A MAKOSEMI-US2A Datasheet
501Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Anova Technologies CO.,...
US1A ANOVA-US1A Datasheet
258Kb / 2P
Surface Mount High Efficiency Rectifiers
US2A ANOVA-US2A Datasheet
263Kb / 2P
Surface Mount High Efficiency Rectifiers
US3A ANOVA-US3A Datasheet
288Kb / 2P
Surface Mount High Efficiency Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com