Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR820 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MR820
Description  Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MR820 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MR820 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MR820 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MR820 THRU MR828
50V-800V
5.0A
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
· Fast switching speed
· Diffused junction
· High current capability
· High temperature soldering guaranteed : 250℃/10 seconds,
0.375"(9.5mm) lead length, 5 lbs.(2.3kg) tension.
· Case : P-6 molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.07 ounce, 2.1 grams
Fast Silicon Rectifiers
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55℃
Maximum instantaneous forward voltage
at 5.0A
VRRM
Volts
Symbols
Units
1.1
VF
VRMS
5.0
Amps
Amps
300.0
IFSM
TJ
TSTG
10
-55 to +150
℃
Volts
Maximum DC reverse current
at rated DC blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
50
MR820
35
50
10
100
Volts
μA
ns
pF
I(AV)
IR
Trr
300
CJ
100
MR821
70
100
200
MR822
140
200
400
MR824
280
400
600
MR826
420
600
Maximum thermal resistance
120
RθJA
℃/W
800
MR828
560
800
TA=25℃
TA=100℃


Similar Part No. - MR820

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
logo
Semikron International
MR820 SEMIKRON-MR820 Datasheet
155Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
MR820 DIOTEC-MR820 Datasheet
58Kb / 2P
Fast Silicon-Rectifiers
logo
Semikron International
MR820 SEMIKRON-MR820 Datasheet
159Kb / 2P
Fast silicon rectifier diodes
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
More results

Similar Description - MR820

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
R30A SEMTECH-R30A Datasheet
148Kb / 3P
FAST SILICON RECTIFIERS
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
Fast Silicon Rectifiers
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
Fast Silicon Rectifiers
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
BY50050 DIOTEC-BY50050 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
D-BYW36 DIOTEC-D-BYW36_08 Datasheet
78Kb / 2P
Fast Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com