Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7204 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # BGA7204
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 77Page - NXP Semiconductors BGA7204 Datasheet HTML 78Page - NXP Semiconductors BGA7204 Datasheet HTML 79Page - NXP Semiconductors BGA7204 Datasheet HTML 80Page - NXP Semiconductors BGA7204 Datasheet HTML 81Page - NXP Semiconductors BGA7204 Datasheet HTML 82Page - NXP Semiconductors BGA7204 Datasheet HTML 83Page - NXP Semiconductors BGA7204 Datasheet HTML 84Page - NXP Semiconductors BGA7204 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 130 page
background image
82
NXP Semiconductors RF Manual 16th edition
3.3
RF Bipolar transistors
3.3.1 Wideband transistors
Why choose NXP’s wideband transistors:
` Broad portfolio (1
st - 7th generation)
` Short lead time
` Smallest packages
` Volume delivery
Wideband transistors line-up per frequency
Wideband transistors
The fT-IC curve represents transition frequency (fT)
characteristics as a function of collector current (IC) for the seven
generations of RF wideband transistors. A group of transistors
having the same IC and similar fT represents a curve. The curve
number matches with products in the selection tables of
this section (third column of each table), detailing their RF
characteristics.
RF wideband transistor selection guide on www.nxp.com/rftransistors
Easy-to-use parametric filters help you choose the right RF wideband
transistor for your design.
Pin
Description
Type (Figure 1)
1
Collector
2
Base
3
Emitter
4
Emitter
Type/X (Figure 1)
1
Collector
2
Emitter
3
Base
4
Emitter
Type/XR (Figure 2)
1
Collector
2
Emitter
3
Base
4
Emitter
1
2
34
2
1
3
4
Figure 1
Figure 2
bra510
100
10
1
fT
(GHz)
0.1
0.5
12
5102050
100
200
500
1000
IC (mA)
0.2
(1)
(3)
(7)
(9)
1st generation
2nd generation
3rd generation
4th generation
5th generation
7th generation
6th generation
(8)
(10)
(18)
(15)
(16)
(20)
(21)
(22)
(23)
(29)
(37)
(35)
(39)
(41)
(38)
(40)
(34)
(36)
(32)
(33)
(26)
(27)
(25)
(30)
(31)
(11)
(12)
(4)
(14)
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com