Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7USB221FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7USB221FT
Description  Dual SPDT USB Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB221FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7USB221FT Datasheet HTML 1Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 2Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 3Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 4Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 5Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 6Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 7Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 8Page - Toshiba Semiconductor TC7USB221FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC7USB221FT
2009-11-16
3
Absolute Maximum Ratings (Note)
Characteristic
Symbol
Rating
Unit
Power supply range
VCC
−0.5 to 4.6
V
Control pin input voltage
( OE , S)
VIN
−0.5 to 4.6
V
VCC=0 V or Switch=Off
−0.5 to 4.6
Switch terminal I/O voltage
Switch=On
VS
−0.5 to VCC+0.5
V
Control input
−50
Clump diode current
Switch
IIK
±50
mA
Switch I/O current
IS
50
mA
Power dissipation
PD
180
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and
the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Operating Ranges (Note)
Characteristic
Symbol
Rating
Unit
Power supply voltage
VCC
2.3 to 3.6
V
Control pin input voltage
( OE , S)
VIN
0 to 3.6
V
VCC=0 V or Switch=Off
0 to 3.6
Switch I/O voltage
Switch=On
VS
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.Unused inputs must
be tied to either VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com