Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L60 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPS1L60
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPS1L60 Datasheet HTML 16Page - STMicroelectronics STPS1L60 Datasheet HTML 17Page - STMicroelectronics STPS1L60 Datasheet HTML 18Page - STMicroelectronics STPS1L60 Datasheet HTML 19Page - STMicroelectronics STPS1L60 Datasheet HTML 20Page - STMicroelectronics STPS1L60 Datasheet HTML 21Page - STMicroelectronics STPS1L60 Datasheet HTML 22Page - STMicroelectronics STPS1L60 Datasheet HTML 23Page - STMicroelectronics STPS1L60 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Firmware implementation
AN3151
20/34
Doc ID 17051 Rev 1
In the PI algorithm, the error is first computed, and based on this, the variation of the duty
cycle is calculated according to the equation, to reach and maintain the target average
current.
PI parameters tuning
In order to perform a working average current regulation, it is fundamental to choose the
right PI parameters depending on the system's bandwidth.
Unfortunately, to get the best PI parameters, there isn't a general procedure to follow and
the fastest way to tune them is trial and error.
However, please note that, besides making the closed loop system stable, the KP and KI
parameters can also compensate the non-linearity introduced into the system.
PI algorithm
An easy and efficient PI controller is implemented. The algorithm uses an anti Wind-Up
effect. This methodology allows the freezing of the integral action when the error signal is
out of working range. In this way, it's possible to improve the dynamic of the current loop. In
Figure 11
, below, the diagram of the PI regulator is shown:
Figure 11.
PI standard controller with anti-saturation control
The C code is shown here:
/*****************************************************************
* Function Name
: PID_Regulator_FIRST_STRING
* Description
: Compute the PI output for the current loop
regulation.
* Input
: none
* Output
: s16
* Return
: None
*****************************************************************/
s16 PID_Regulator_First(PI_ControllerTYPEDEF *PID, u16
Current_String_Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com