Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2SMA140A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # P2SMA140A
Description  Surface Mount Transient Voltage Suppressors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

P2SMA140A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  P2SMA140A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd P2SMA140A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
130V-220V 200W
Surface Mount
P2SMA130A THRU P2SMA220A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional 200 W peak pulse
power capability with a 10/1000 μs waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
Case: DO-214AC (SMA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
Transient Voltage Suppressors
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2
(2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 μs waveform (fig. 1)
PPPM (1)(2)
200
W
Peak pulse current with a 10/1000 μs waveform (fig. 3)
IPPM (1)
See next table
A
Power dissipation at TA = 25 °C (fig. 6)
PD
0.5
W
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Notes
(1)
Pulse test: tp  50 ms
(2)
Surge current waveform per fig. 3 and derate per fig. 2
Note
(1)
Mounted on minimum recommended pad layout
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (1)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
OF VBR
(%/°C)
MIN.
MAX.
P2SMA130A
2VK
124
137
1.0
111
1.0
1.11
179
0.140
P2SMA140A
2VL
133
147
1.0
119
1.0
1.04
192
0.140
P2SMA150A
2VM
143
158
1.0
128
1.0
0.97
207
0.140
P2SMA170A
2VN
162
179
1.0
145
1.0
0.85
234
0.150
P2SMA180A
2VP
171
189
1.0
154
1.0
0.81
246
0.150
P2SMA200A
2VQ
190
210
1.0
171
1.0
0.73
274
0.150
P2SMA220A
2VR
209
231
1.0
185
1.0
0.61
328
0.150
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Thermal resistance, junction to ambient air
RJA (1)
250
°C/W
Thermal resistance, junction to mount
RJM (1)
50
°C/W


Similar Part No. - P2SMA140A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P2SMA140A VISHAY-P2SMA140A Datasheet
81Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
20-Apr-11
logo
SUNMATE electronic Co.,...
P2SMA140A SUNMATE-P2SMA140A Datasheet
910Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Similar Description - P2SMA140A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMDJXXX UTC-SMDJXXX Datasheet
204Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com