Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU30Z Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # RU30Z
Description  Fast-Recovery Rectifier Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

RU30Z Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  RU30Z Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
100V-600V
1.5A-2.0A
RU 3M/3AM
RU3YX RU 30 series
Fast-Recovery Rectifier Diodes
1 of 1
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
0
25
50
75
100
125
150
0
0.5
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
0
1.0
2.0
2.5
3.0
3.5
0.1
1.5
2.0
L =10mm
L =10mm
P.C.B
180•100•1.6t
10mm
L =10mm
L =10mm
P.C.B
180 •100 •1.6t
10mm
0
1
5
50
10
200
80
40
20ms
120
160
0.3
0.5
0.7
0.9
1.1
0.1
Ta
150ºC
=
60ºC
100ºC
25ºC
0.3
0.5
0.7
0.9
0.1
Ta
150ºC
=
50ºC
100ºC
25ºC
0.3
0.5
0.7
0.9
0.1
1.0
1.2
Ta
150ºC
=
60ºC
100ºC
25ºC
1.5
0.5
60
Without
Heatsink
180
140
100
60
20
RU 30Z
RU 30
RU 30A
4.0
±0.2
0.98
±0.05
Cathode Mark
1.2
±0.05
5.2
±0.2
Cathode Mark
5mm
20•20•1t Cu
5mm
0
1
5
50
10
50
40
20ms
30
20
10
0
1
5
50
10
50
40
20ms
30
20
10
RU 3M, 3AM
RU 3YX
RU 30 series
1
10
20
0.1
0.01
0.001
1
10
0.1
0.01
0.001
1
50
0.1
0.01
0.001
10
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/ W)
(g)
Mass
Others
RU 3M
400
1.5
50
1.1
1.5
10
350
0.4
10/10
10/20
–40 to +150
0.18
12
0.6
A
RU 3AM
600
RU 3YX
100
RU 30Z
200
RU 30
400
RU 30A
600
2.0
1.5 (3.5)
2.0
50
80
200
0.95
0.97
0.95
2.0
3.5
2.0
10
300
0.2
10/10
10/20
0.08
12
0.6
B
10
300
0.4
10/10
10/20
100/100
100/200
0.18
10
1.0
RU 30Z
RU 30
RU 30A
IF (AV) (A)
Fig.
50Hz
Half-cycle Sinewave
Single Shot
( ) is with
Heatsink
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
Forward Voltage
VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature
Ta (
°C)
Overcurrent Cycles
I FMS
Rating
Ta — IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
Solder
Copper Foil
Solder
Copper Foil
t rr
Œ
(
µs)
t rr

(
µs)
Rth ( j - )


Similar Part No. - RU30Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU30Z SANKEN-RU30Z Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Shenzhen Luguang Electr...
RU30Z LUGUANG-RU30Z Datasheet
170Kb / 2P
High Efficiency Rectifiers
logo
SUNMATE electronic Co.,...
RU30Z SUNMATE-RU30Z Datasheet
400Kb / 2P
HIGH EFFCIENCY RECTIFIER DIODES
logo
Diode Semiconductor Kor...
RU30Z DSK-RU30Z Datasheet
274Kb / 2P
HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - RU30Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com