Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S510B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # S510B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

S510B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  S510B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd S510B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S510B
100V
5.0A
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• In compliance with EU RoHS 2002/95/EC directives
• Case: JEDEC DO-214AA molded plastic
• Terminals:Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity : Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0032 ounce, 0.092 gram
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1. Pulse Test with PW =300µsec, 1% Duty Cycle.
2. Mounted on PCB with minmum pad layout.
PA RA M E TE R
S YMB OL
VA L UE
UNITS
Ma xi m um Re c urre nt P eak R e ve rs e Vo ltage
V
RRM
100
V
Ma xi mum RM S Vo lta g e
V
RM S
70
V
Ma xi m um D C B loc ki ng Vo ltage
V
DC
100
V
Ma xi m um A verage F o rw ard Re cti fi ed C urr ent
I
F( AV )
5.0
A
P eak F o rwar d S urge C urre nt : 8.3ms s i ng le ha lf s i ne -wave
s uperi m po sed on ra ted load (J E D E C me thod)
I
FS M
120
A
Ma xi m um F o rwar d Vo ltage at 5.0A (Notes 1 )
V
F
0.85
V
Ma xi m um D C Re ve rs e C urr ent at Ra ted D C B lock i ng
Vo ltage
T
J
=2 5 OC
T
J
= 125 OC
I
R
0.05
2
mA
Typ i ca l The r ma l Re si sta nce
(Notes 2)
R
θJA
Rθ
JL
100
20
O C / W
Oper ati ng J unc ti on Te m perature Ra ng e
T
J
-55 to + 150
O C
S tor age Te mperatur e Ra ng e
T
STG
-55 to + 150
O C
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER


Similar Part No. - S510B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S510B PANJIT-S510B Datasheet
88Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
S510BF CHONGQING-S510BF Datasheet
217Kb / 2P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
S510BF CHONGQING-S510BF Datasheet
217Kb / 2P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
S510B PANJIT-S510B_15 Datasheet
121Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S510B_R1_00001 PANJIT-S510B_R1_00001 Datasheet
121Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - S510B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Vishay Siliconix
B350A VISHAY-B350A_11 Datasheet
78Kb / 4P
Surface Mount Schottky Barrier Rectifier
20-Apr-11
logo
Shenzhen Taychipst Elec...
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com