Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

420LE28 Datasheet(PDF) 3 Page - Protek Devices

Part # 420LE28
Description  TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420LE28 Datasheet(HTML) 3 Page - Protek Devices

  420LE28 Datasheet HTML 1Page - Protek Devices 420LE28 Datasheet HTML 2Page - Protek Devices 420LE28 Datasheet HTML 3Page - Protek Devices 420LE28 Datasheet HTML 4Page - Protek Devices 420LE28 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05048.R5 9/12
Page 3
420LB28 - 420LE60
PACKAGE INFORMATION
420LB OuTLINE DIMENsIONs
DIM
MILLIMETERs
INChEs
MIN
MAX
MIN
MAX
A
-
12.7
-
0.50
B
-
76.2
-
3.0
C
-
48.2
-
1.90
D
-
7.6
-
0.30
E
-
17.8
-
0.7
NOTEs
1. I/O contacts spaced at 0.156” (3.96mm) centers.
A
B
C
D
2
5
12
15
ORIENTATION NOTCH
GND
E
OUTPUT Connected to
Transmit/Receive Circuits
INPUT Connected to Line
From Outside World
CONTINUITY
INPUT
OUTPUT
12
13
14
15
5
4
3
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com