Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2H90 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SB2H90
Description  High Voltage Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SB2H90 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SB2H90 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SB2H90 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
90V-100V
2.0A
SB2H90 THRU SB2H100
1 of 2
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
High Voltage Schottky Rectifiers
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Low power loss, high efficiency
• For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
• Guardring for overvoltage protection
Case: JEDEC DO-204AC molded plastic over a
passivated junction
Terminals: Solder Plated axial leads, solderable per MIL-
STD-750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds 0.375” (9.5mm) lead length,
5 lbs. (2.3kg) tension
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 oz., 0.4 g
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
SB2H90
SB2H100
Unit
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working Peak Reverse Voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TA = 25°C
IF(AV)
2.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
75
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse surge current at tp = 2.0
µs, 1KHZ
IRRM
1.0
A
Critical rate of rise of reverse voltage
dv/dt
10,000
V/
µs
Typical thermal resistance (2)
R
θJA
45
°C/W
R
θJL
14
Storage temperature range
TSTG
–55 to +175
°C
Maximum operating junction temperature
TJ
+175
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Max. instantaneous forward voltage(1)
IF = 2A, TJ = 25°C
VF
0.79
V
IF = 2A, TJ = 125°C
0.65
Maximum DC reverse current
TJ = 25°C
10
µA
at rated DC blocking voltage
TJ = 125°C
IR
4mA
Notes: (1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas


Similar Part No. - SB2H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2H90 VISHAY-SB2H90 Datasheet
31Kb / 2P
High Voltage Schottky Rectifiers
25-Jun-02
SB2H90 VISHAY-SB2H90 Datasheet
96Kb / 4P
High-Voltage Schottky Rectifier
19-May-08
SB2H90 VISHAY-SB2H90 Datasheet
73Kb / 4P
High-Voltage Schottky Rectifier
04-Aug-09
SB2H90 VISHAY-SB2H90 Datasheet
77Kb / 5P
High-Voltage Schottky Rectifier
04-Aug-09
SB2H90 VISHAY-SB2H90_09 Datasheet
73Kb / 4P
High-Voltage Schottky Rectifier
04-Aug-09
More results

Similar Description - SB2H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
High-Voltage Dual Schottky Rectifiers
02-Jul-02
SB2H100 VISHAY-SB2H100 Datasheet
31Kb / 2P
High Voltage Schottky Rectifiers
25-Jun-02
MBRB10H100 VISHAY-MBRB10H100 Datasheet
114Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
SB5H90 TAYCHIPST-SB5H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SS10PH10 VISHAY-SS10PH10_15 Datasheet
96Kb / 6P
High Voltage Schottky Rectifiers
06-Nov-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com