Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3K15ACT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K15ACT
Description  Load Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K15ACT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K15ACT Datasheet HTML 1Page - Toshiba Semiconductor SSM3K15ACT Datasheet HTML 2Page - Toshiba Semiconductor SSM3K15ACT Datasheet HTML 3Page - Toshiba Semiconductor SSM3K15ACT Datasheet HTML 4Page - Toshiba Semiconductor SSM3K15ACT Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K15ACT
2010-11-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
SSM3K15ACT
Load Switching Applications
• 2.5 V drive
• Low ON-resistance: RDS(ON) = 3.6 Ω (max) (@VGS = 4 V)
RDS(ON) = 6.0 Ω (max) (@VGS = 2.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDSS
30
V
Gate-Source voltage
VGSS
± 20
V
DC
ID
100
Drain current
Pulse
IDP
400
mA
Power dissipation
PD(Note 1)
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Mounted on FR4 board
(10 mm
× 10 mm × 1.0 mm, Cu Pad: 100 mm
2
)
Marking (Top View)
Pin Condition (Top View)
Equivalent Circuit
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-1J1B
Weight: 0.75 mg (typ.)
CST3
1. Gate
2. Source
3. Drain
*Electrodes: On the bottom
Polarity mark
Polarity mark (on the top)
1
2
3
DI
12
3


Similar Part No. - SSM3K15ACT

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SSM3K15ACT TECHPUBLIC-SSM3K15ACT Datasheet
1Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
Toshiba Semiconductor
SSM3K15ACTC TOSHIBA-SSM3K15ACTC Datasheet
233Kb / 8P
MOSFETs Silicon N-Channel MOS (U-MOS??
More results

Similar Description - SSM3K15ACT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
Load Switching Applications
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
Load Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com