Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S208MBT3TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8S208MBT3TR
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S208MBT3TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8S208MBT3TR Datasheet HTML 17Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 18Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 19Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 20Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 21Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 22Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 23Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 24Page - STMicroelectronics STM8S208MBT3TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
STM8S207xx, STM8S208xx
Product overview
Doc ID 14733 Rev 12
21/103
Asynchronous communication (UART mode)
●
Full duplex communication - NRZ standard format (mark/space)
●
Programmable transmit and receive baud rates up to 1 Mbit/s (fCPU/16) and capable of
following any standard baud rate regardless of the input frequency
●
Separate enable bits for transmitter and receiver
●
Two receiver wakeup modes:
–
Address bit (MSB)
–
Idle line (interrupt)
●
Transmission error detection with interrupt generation
●
Parity control
LIN master capability
●
Emission: Generates 13-bit synch break frame
●
Reception: Detects 11-bit break frame
LIN slave mode
●
Autonomous header handling - one single interrupt per valid message header
●
Automatic baud rate synchronization - maximum tolerated initial clock deviation ±15 %
●
Synch delimiter checking
●
11-bit LIN synch break detection - break detection always active
●
Parity check on the LIN identifier field
●
LIN error management
●
Hot plugging support
4.14.3
SPI
●
Maximum speed: 10 Mbit/s (fMASTER/2) both for master and slave
●
Full duplex synchronous transfers
●
Simplex synchronous transfers on two lines with a possible bidirectional data line
●
Master or slave operation - selectable by hardware or software
●
CRC calculation
●
1 byte Tx and Rx buffer
●
Slave/master selection input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com