Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2000 Datasheet(PDF) 11 Page - Texas Instruments

Part # C2000
Description  C2000 LED BoosterPack
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C2000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button C2000 Datasheet HTML 7Page - Texas Instruments C2000 Datasheet HTML 8Page - Texas Instruments C2000 Datasheet HTML 9Page - Texas Instruments C2000 Datasheet HTML 10Page - Texas Instruments C2000 Datasheet HTML 11Page - Texas Instruments C2000 Datasheet HTML 12Page - Texas Instruments C2000 Datasheet HTML 13Page - Texas Instruments C2000 Datasheet HTML 14Page - Texas Instruments C2000 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
Getting Started
Figure 7. LED BoosterPack With C2000 LaunchPad and MSP430 Capacitive Touch BoosterPack
4.2.1
Hardware Setup for Capacitive Touch Demo
Perform or verify the following steps to prepare the LED BoosterPack for use with the MSP430 Capacitive
Touch BoosterPack.
1. Verify the following jumper and switch settings on the LED BoosterPack:
(a) A jumper is not placed on J2.
(b) A jumper is not placed on J8.
(c) The switch S1 is in the up position.
2. Verify the following jumper and switch settings on the C2000 LaunchPad:
(a) A jumper is placed on JP1.
(b) A jumper is placed on JP2.
(c) A jumper is placed on JP3.
(d) Switches in S1 are all in the up position.
(e) The switch S4 is in the down position.
3. Insert a C2000 LaunchPad into the header marked J3, J9 and J4, J10 on the LED BoosterPack.
4. Insert an MSP430 Capacitive Touch BoosterPack onto the headers marked J6 and J7.
5. Connect the LED BoosterPack to the included power adapter and plug in the adapter to the mains
power.
6. Connect the LaunchPad to the PC using the USB cable included with the C2000 LaunchPad.
11
SPRUHH9 – July 2012
C2000 LED BoosterPack
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com