Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPSM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CPSM
Description  Wirewound Resistors, Commercial Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPSM Datasheet(HTML) 2 Page - Vishay Siliconix

  CPSM_12 Datasheet HTML 1Page - Vishay Siliconix CPSM_12 Datasheet HTML 2Page - Vishay Siliconix CPSM_12 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPSM
www.vishay.com
Vishay Dale
Revision: 22-Dec-11
2
Document Number: 30106
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
TEMPERATURE RISE
DERATING
L
0.080
[2.03]
max.
L
1
0.020 ± 0.005
[0.508 ± 0.127]
W
H
W
1
a
I
b
MODEL
DIMENSIONS in inches [millimeters]
L
± 0.032
[0.813]
W
± 0.031
[0.787]
L1
± 0.062
[1.57]
W1
+ 0.032
[0.813]
- 0.012
[0.305]
H
± 0.031
[0.787]
CPSM03
0.906
[23.01]
0.374
[9.50]
0.480
[12.19]
0.287
[7.29]
0.374
[9.50]
CPSM05
1.060
[26.92]
0.374
[9.50]
0.590
[14.99]
0.287
[7.29]
0.374
[9.50]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
l
CPSM03
0.420
[10.67]
0.340
[8.64]
0.380
[9.65]
CPSM05
0.440
[11.18]
0.340
[8.64]
0.490
[12.45]
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
POWER IN W
CPSM03
CPSM05
120
100
80
60
40
20
0
- 65
- 25
25
75
125
175
225
275
AMBIENT TEMPERATURE IN °C
40
MATERIAL SPECIFICATIONS
Element
Copper-nickel alloy or nickel-chrome alloy, depending on resistance value
Core
Woven fiberglass
Body
Steatite ceramic case with inorganic potting compound
Terminals
Tin/lead plated steel (lead (Pb)-free version will be 100 % tin)
Part Marking
DALE, model, wattage, value, tolerance, date code
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS (EIA RS-344)
Thermal shock
- 55 °C to + 165 °C, 5 cycles, 30 min dwell time
± (5.0 % + 0.05
Ω) ΔR
Short time overload
5 x rated power for 5 s
± (4.0 % + 0.05
Ω) ΔR
Dielectric withstanding voltage
1000 VRMS for one min
± (2.0 % + 0.05
Ω) ΔR
Low temperature operation
- 65 °C, full rated working voltage for 45 min
± (3.0 % + 0.05
Ω) ΔR
Humidity
75 °C, 90 % to 100 % RH, 240 h
± (5.0 % + 0.05
Ω) ΔR
Load life
1000 h at rated power, + 40 °C, 1.5 h “ON”, 0.5 h “OFF”
± (10.0 % + 0.05
Ω) ΔR
Resistance to solder heat
+ 260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (4.0 % + 0.05
Ω) ΔR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com