Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM0102 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMM0102
Description  Thin Film Micro-MELF Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0102 Datasheet(HTML) 3 Page - Vishay Siliconix

  SMM0102 Datasheet HTML 1Page - Vishay Siliconix SMM0102 Datasheet HTML 2Page - Vishay Siliconix SMM0102 Datasheet HTML 3Page - Vishay Siliconix SMM0102 Datasheet HTML 4Page - Vishay Siliconix SMM0102 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 20003
28
Revision: 16-Aug-11
SMM0102
Vishay Draloric
Thin Film Micro-MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
Note
(1) Package of 1000 pieces, code B1, is available only for products with tolerance ± 0.1 %.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: SMM01020D5620BB300
Part Number: OMM01020000000B300
MODEL
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
SMM0102
OMM0102
0 = Neutral
E = ± 15 ppm/K
D = ± 25 ppm/K
C = ± 50 ppm/K
0 = Jumper
3 digit value
1 digit multiplier
0000 = Jumper
MULTIPLIER
9 = *10-1
2 = *102
0 = *100
3 = *103
1 = *101
4 = *104
B = ± 0.1 %
F = ± 1 %
0 = Jumper
B1
B3
B0
M8
Product Description: SMM0102 25 562R 0.1 % B3
Product Description: OMM0102 0R0 B3
SMM0102
25
562R
0.1 %
B3
OMM0102
-
0R0
-
B3
MODEL
TCR
RESISTANCE
TOLERANCE
PACKAGING
SMM0102
OMM0102
± 15 ppm/K
± 25 ppm/K
± 50 ppm/K
100 = 100
2M21 = 2.21 M
0R0 = Jumper
± 0.1 %
± 1 %
B1
B3
B0
M8
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
SMM0102
OMM0102
B1 (1)
1000 (1)
Blister tape
acc. IEC 60286-3
Type II
8 mm
4 mm
180 mm/7"
B3
3000
B0
10 000
330 mm/13"
01
M
M
S
0
2
0
D5
6
2
0
B
B3
0
0
01
M
M
O0
2
0
0
0
0
0
0
0
B
3
0
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com