Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1171M Datasheet(PDF) 8 Page - Sony Corporation

Part # CXD1171M
Description  8-bit 40MSPS High Speed D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1171M Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXD1171M Datasheet HTML 4Page - Sony Corporation CXD1171M Datasheet HTML 5Page - Sony Corporation CXD1171M Datasheet HTML 6Page - Sony Corporation CXD1171M Datasheet HTML 7Page - Sony Corporation CXD1171M Datasheet HTML 8Page - Sony Corporation CXD1171M Datasheet HTML 9Page - Sony Corporation CXD1171M Datasheet HTML 10Page - Sony Corporation CXD1171M Datasheet HTML 11Page - Sony Corporation CXD1171M Datasheet HTML 12Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
—8—
CXD1171M
Notes on Operation
• How to select the output resistance
The CXD1171M is a D/A converter of the current output type. To obtain the output voltage connect the
resistance to the current output pin IO. For specifications we have:
Output full scale voltage
VFS = 1.9 to 2.1 [V]
Output full scale current
IFS = less than 15 [mA]
Calculate the output resistance value from the relation of VFS = IFS
× ROUT. Also, 16 times resistance of the
output resistance is connected to reference current pin IREF. In some cases, however, this turns out to be a
value that does not actually exist. In such a case a value close to it can be used as a substitute. Here please
note that VFS becomes VFS = VREF
× 16ROUT/RIR. ROUT is the resistance connected to IO while RIR is connected
to IREF. Increasing the resistance value can curb power consumption. On the other hand glitch energy and
data settling time will inversely increase. Set the most suitable value according to the desired application.
• Phase relation between data and clock
To obtain the expected performance as a D/A converter, it is necessary to set properly the phase relation
between data and clock applied from the exterior. Be sure to satisfy the provisions of the setup time (
tS) and
hold time (
tH) as stipulated in the Electrical Characteristics.
• Power supply and ground
To reduce noise effects separate analog and digital systems in the device periphery. For the power supply
pins, both digital and analog, bypass respective grounds by using a ceramic capacitor of about 0.1 µF, as
close as possible to the pin.
• Latch up
AVDD and DVDD have to be common at the PCB power supply source. This is to prevent latch up due to
voltage difference between AVDD and DVDD pins when power supply is turned ON.
• IO pin
The IO pin is the inverted current output pin described in the Pin Description. The sum of the currents output
from the IO pin and the IO pin becomes the constant value for any input data.
However, the performances such as the linearity error of the IO pin output current is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com