Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP208 Datasheet(PDF) 1 Page - Protek Devices

Part # PIP208
Description  AC POWER BUS VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PIP208 Datasheet(HTML) 1 Page - Protek Devices

  PIP208 Datasheet HTML 1Page - Protek Devices PIP208 Datasheet HTML 2Page - Protek Devices PIP208 Datasheet HTML 3Page - Protek Devices PIP208 Datasheet HTML 4Page - Protek Devices PIP208 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05027.R9 9/12
Page 1
PHP8.4 - PIP500
ac PoweR bus voltage suPPRessoR
DescRIPtIon
The PHP and PIP Series of devices are designed in accordance with DOD-STD-1399, section 300 interface standard and
MIL-STD704A for shipboard systems, electrical power and alternating current. When large voltage transients endanger
voltage sensitive components, this series provides reliable protection against power interruptions and shore power
switch-over.
This series can be screened upon request for military requirements in accordance with MIL-PRF-19500 (applicable
tests).
FeatuRes
• DOD-STD-1399, MIL-STD-704, MIL-STD-2036 & MIL-PRF-19500/507
Compliant
• 7,500 & 15,000 kilowatts Peak Pulse Power per Line (tp = 10/1000µs)
• Each Device 100% Tested
• Available in Multiple Voltages
MecHanIcal cHaRacteRIstIcs
• PHP: Hermetically Sealed Glass to Metal Sub-Assemblies
• PIP: Molded Epoxy Case Sub-Assemblies
• Approximate Weight: 46 grams
• Flammability Rating UL 94V-0
• Screening Available Upon Request:
H1 - Submodule Screening (Test Plans 05231 & 05232)
H2 - Submodule & Module Screening (Test Plan 05233)
H3 - Submodule & Module Screening with Group B & C Lot Testing
(Test Plans 05234 & 05235)
aPPlIcatIons
• Secondary AC Power Supply
• Aircraft & Shipboard AC Power Bus
• Heavy Duty AC Switching Power
PHP & PIP Package


Similar Part No. - PIP208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PIP208 MICROSEMI-PIP208 Datasheet
80Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Protek Devices
PIP208 PROTEC-PIP208 Datasheet
72Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
PIP208 PROTEC-PIP208 Datasheet
61Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
PIP208 PROTEC-PIP208 Datasheet
377Kb / 5P
ac power bus voltage suppressor
logo
Microsemi Corporation
PIP208 MICROSEMI-PIP208 Datasheet
115Kb / 2P
TRANSIENT ABSORPTION ZENER
More results

Similar Description - PIP208

ManufacturerPart #DatasheetDescription
logo
Protek Devices
60KS PROTEC-60KS Datasheet
104Kb / 3P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
PHP84-PHP500 PROTEC-PHP84-PHP500 Datasheet
72Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_07 Datasheet
68Kb / 3P
SHIPBOARD/ AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4-PHP500 PROTEC-PHP8.4-PHP500 Datasheet
61Kb / 4P
AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_10 Datasheet
430Kb / 6P
shipboard/ac power bus voltage suppressor
PHP8.4 PROTEC-PHP8.4 Datasheet
377Kb / 5P
ac power bus voltage suppressor
2700SM78CA PROTEC-2700SM78CA Datasheet
364Kb / 5P
POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_12 Datasheet
431Kb / 6P
SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
2700SM78CA PROTEC-2700SM78CA_12 Datasheet
364Kb / 5P
POWER BUS VOLTAGE SUPPRESSOR
100KS200CNH PROTEC-100KS200CNH Datasheet
282Kb / 5P
shipboard/ac power bus voltage suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com