Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5601 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5601
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5601 Datasheet HTML 16Page - Analog Devices AD5601 Datasheet HTML 17Page - Analog Devices AD5601 Datasheet HTML 18Page - Analog Devices AD5601 Datasheet HTML 19Page - Analog Devices AD5601 Datasheet HTML 20Page - Analog Devices AD5601 Datasheet HTML 21Page - Analog Devices AD5601 Datasheet HTML 22Page - Analog Devices AD5601 Datasheet HTML 23Page - Analog Devices AD5601 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 21 of 24
ORDERING GUIDE
Model1
Temperature
Range
INL
Package Description
Package
Option
Branding
AD5601BKSZ-500RL7
–40°C to +125°C
±0.5 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3V
AD5601BKSZ-REEL7
–40°C to +125°C
±0.5 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3V
AD5601BCPZ-RL7
–40°C to +125°C
±0.5 LSB
6-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-6-5
89
AD5611AKSZ-500RL7
–40°C to +125°C
±4.0 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3U
AD5611AKSZ-REEL7
–40°C to +125°C
±4.0 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3U
AD5611ACPZ-RL7
–40°C to +125°C
±4.0 LSB
6-Lead Lead Frame Chip Scale Package[LFCSP_WD]
CP-6-5
8B
AD5611BKSZ-500RL7
–40°C to +125°C
±0.5 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3T
AD5611BKSZ-REEL7
–40°C to +125°C
±0.5 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3T
AD5621AKSZ-500RL7
–40°C to +125°C
±6.0 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3S
AD5621AKSZ-REEL7
–40°C to +125°C
±6.0 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3S
AD5621ACPZ-RL7
–40°C to +125°C
±6.0 LSB
6-Lead Lead Frame Chip Scale Package[LFCSP_WD]
CP-6-5
88
AD5621BKSZ-500RL7
–40°C to +125°C
±1.0 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3R
AD5621BKSZ-REEL7
–40°C to +125°C
±1.0 LSB
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
D3R
EVAL-AD5621EBZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com