Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLR0504F Datasheet(PDF) 4 Page - Protek Devices

Part # PLR0504F
Description  ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0504F Datasheet(HTML) 4 Page - Protek Devices

  PLR0504F_12 Datasheet HTML 1Page - Protek Devices PLR0504F_12 Datasheet HTML 2Page - Protek Devices PLR0504F_12 Datasheet HTML 3Page - Protek Devices PLR0504F_12 Datasheet HTML 4Page - Protek Devices PLR0504F_12 Datasheet HTML 5Page - Protek Devices PLR0504F_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05240.R3 9/12
Page 4
PLR0504F
sc70-6L Package inFoRmation
D
E
K
4
5
6
3
2
1
A
G
C
L
B
M
0° - 8°
J
D
C
B
A
E
F
outLine dimensions
dim
miLLimeteRs
inches
min
maX
min
maX
A
1.90
2.15
0.074
0.084
B
1.15
1.35
0.045
0.055
C
0.80
1.00
0.031
0.040
D
0.15
0.30
0.005
0.012
E
0.65 BSC
0.026 BSC
F
1.30 BSC
0.051 BSC
G
0.80
1.10
0.031
0.043
J
0.08
0.25
0.003
0.010
K
2.00
2.40
0.078
0.095
L
-
0.10
-
0.004
M
0.26
0.46
0.010
0.018
notes
1. Controlling dimension: inches.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
Pad Layout dimensions
dim
miLLimeteRs
inches
nominaL
nominaL
A
0.50
0.020
B
1.30
0.051
C
0.65
0.026
D
1.72
0.068
E
0.60
0.024
notes
1. Controlling dimension: inches.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com