Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
PF0100
General Product Characteristics
Electrical Characteristics
5.3
Electrical Characteristics
5.3.1
General Specifications
Table 6. Thermal Protection Thresholds
Parameter
Min
Typ
Max
Units
Thermal 110 °C Threshold (THERM110)
100
110
120
°C
Thermal 120 °C Threshold (THERM120)
110
120
130
°C
Thermal 125 °C Threshold (THERM125)
115
125
135
°C
Thermal 130 °C Threshold (THERM130)
120
130
140
°C
Thermal Warning Hysteresis
2.0
4.0
°C
Thermal Protection Threshold
130
140
150
°C
Table 7. General PMIC Static Characteristics.
TA = -40 to 85 °C, VIN = 2.8 to 4.5 V, VDDIO = 1.7 to 3.6 V, typical external component values and full load current range, unless
otherwise noted.
Pin Name
Parameter
Load Condition
Min
Max
Unit
PWRON
VIL
–0.0
0.2 * VSNVS
V
VIH
0.8 * VSNVS
3.6
V
RESETBMCU
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7* VIN
VIN
V
SCL
VIL
0.0
0.2 * VDDIO
V
VIH
0.8 * VDDIO
3.6
V
SDA
VIL
0.0
0.2 * VDDIO
V
VIH
0.8 * VDDIO
3.6
V
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7*VDDIO
VDDIO
V
INTB
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7* VIN
VIN
V
SDWNB
VOL
-2.0 mA
0.0
0.4
V
VOH
Open Drain
0.7* VIN
VIN
V
STANDBY
VIL
–0.0
0.2 * VSNVS
V
VIH
0.8 * VSNVS
3.6
V
VDDOTP
VIL
–0.0
0.3
V
VIH
–1.1
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com