Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX2053DP Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPX2053DP
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX2053DP Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPX2053DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX2053DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPX2053
Sensors
Freescale Semiconductor, Inc.
4
Pressure
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.
Figure 1. Temperature Compensated Pressure Sensor Schematic
Voltage Output versus Applied Differential Pressure
The differential voltage output of the sensor is directly
proportional to the differential pressure applied.
The output voltage of the differential or gauge sensor
increases with increasing pressure applied to the pressure
side relative to the vacuum side. Similarly, output voltage
increases as increasing vacuum is applied to the vacuum
side relative to the pressure side.
On-Chip Temperature Compensation and Calibration
Figure 2 shows the minimum, maximum and typical output
characteristics of the MPX2053 series at 25
C. The output is
directly proportional to the differential pressure and is
essentially a straight line.
A silicone gel isolates the die surface and wire bonds from
the environment, while allowing the pressure signal to be
transmitted to the silicon diaphragm.
Figure 2. Output vs. Pressure Differential
VS
3
X-ducer
Sensing
Element
Thin Film
Temperature
Compensation
and
Calibration
2
4
Vout+
Vout-
1
GND
kPa
PSI
40
35
30
25
15
10
5
0
-5
0
12.5
1.8
25
3.6
37.5
5.4
50
7.25
20
MAX
TYP
MIN
OFFSET
(TYP)
SPAN
RANGE
(TYP)
VS = 10 Vdc
TA = 25C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com