Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1970FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1970FS
Description  Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1970FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1970FS Datasheet HTML 1Page - Toshiba Semiconductor RN1970FS Datasheet HTML 2Page - Toshiba Semiconductor RN1970FS Datasheet HTML 3Page - Toshiba Semiconductor RN1970FS Datasheet HTML 4Page - Toshiba Semiconductor RN1970FS Datasheet HTML 5Page - Toshiba Semiconductor RN1970FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN1970FS,RN1971FS
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN1970FS,RN1971FS
Switching, Inverter Circuit, Interface Circuit and
Driver Circuit Applications
• Two devices are incorporated into a fine pitch Small Mold (6 pin)
package
• Incorporating a bias resistor into a transistor reduces parts count.
Reducing the parts count enable the manufacture of ever more
compact equipment and save assembly cost.
• Complementary to RN2970FS, RN2971FS
Equivalent Circuit and Bias Resistor Values
Absolute Maximum Ratings (Ta = 25°C)
(Q1,Q2 comoon)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
50
mA
Collector power dissipation
PC(Note 1)
50
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Total rating
Equivalent Circuit (top view)
Unit: mm
fS6
1.EMIITTER1
2.EMITTER2
3.BASE2
4.COLLECTOR2
5.BASE1
6.COLLECTOR1
0.1±0.05
6
0.8±0.05
1.0±0.05
1
2
0.1±0.05
3
5
4
(E1)
(E2)
(B2)
(C2)
(B1)
(C1)
JEDEC
―
JEITA
―
TOSHIBA
2-1F1C
Weight: 0.001 g (typ.)
6
5
4
1
2
3
Q2
Q1


Similar Part No. - RN1970FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1970FE TOSHIBA-RN1970FE Datasheet
282Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1970FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com