Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOT12C Datasheet(PDF) 2 Page - Protek Devices

Part # PSOT12C
Description  500 WATT TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT12C Datasheet(HTML) 2 Page - Protek Devices

  PSOT12C Datasheet HTML 1Page - Protek Devices PSOT12C Datasheet HTML 2Page - Protek Devices PSOT12C Datasheet HTML 3Page - Protek Devices PSOT12C Datasheet HTML 4Page - Protek Devices PSOT12C Datasheet HTML 5Page - Protek Devices PSOT12C Datasheet HTML 6Page - Protek Devices PSOT12C Datasheet HTML 7Page - Protek Devices PSOT12C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05059.R12 10/12
Page 2
PSOT03 - PSOT36C
TYPiCAl DeViCe ChARACTeRiSTiCS
mAXimum RATinGS @ 25°C unless Otherwise Specified
PARAmeTeR
SYmBOl
VAlue
uniTS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Voltage @ 100mA, 300µs, Square Wave - See Note 1
V
F
1.5
Volts
nOTeS
1. Applies to unidirectional pins only.
eleCTRiCAl ChARACTeRiSTiCS PeR line @ 25°C unless Otherwise Specified
PART
numBeR
(note 1)
DeViCe
mARkinG
RATeD
STAnD-OFF
VOlTAGe
V
Wm
VOlTS
minimum
BReAkDOWn
VOlTAGe
@ 1mA
V
(BR)
VOlTS
mAXimum
ClAmPinG
VOlTAGe
(Fig. 2)
@ i
P = 1A
V
C
VOlTS
mAXimum
ClAmPinG
VOlTAGe
(Fig. 2)
@ 8/20µs
V
C @ iPP
mAXimum
leAkAGe
CuRRenT
@V
Wm
i
D
µA
TYPiCAl
CAPACiTAnCe
@0V, 1mhz
C
pF
PSOT03
03
3.3
4.0
6.5
10.9V @ 43.0A
125
500
PSOT03C
03C
3.3
4.0
7.0
10.9V @ 43.0A
125
300
PSOT05
05
5.0
6.0
9.8
13.5V @ 42.0A
20
350
PSOT05C
05C
5.0
6.0
9.8
13.5V @ 42.0A
20
210
PSOT08
08
8.0
8.5
13.4
16.9V @ 34.0A
10
250
PSOT08C
08C
8.0
8.5
13.4
16.9V @ 34.0A
10
150
PSOT12
12
12.0
13.3
19.0
25.9V @ 21.0A
2
150
PSOT12C
12C
12.0
13.3
19.0
25.9V @ 21.0A
2
90
PSOT15
15
15.0
16.7
24.0
30.0V @ 17.0A
1
100
PSOT15C
15C
15.0
16.7
24.0
30.0V @ 17.0A
1
60
PSOT24
24
24.0
26.7
43.0
49.0V @ 12.0A
1
88
PSOT24C
24C
24.0
26.7
43.0
49.0V @ 12.0A
1
63
PSOT36
36
36.0
40.0
51.0
76.8V @ 9.0A
1
80
PSOT36C
36C
36.0
40.0
51.0
76.8V @ 9.0A
1
60
nOTeS
1. Part Numbers with an additional “C” suffix are bidirectional devices, i.e., PSOT05C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com