Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUSB6B Datasheet(PDF) 1 Page - Protek Devices

Part # PUSB6B
Description  500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PUSB6B Datasheet(HTML) 1 Page - Protek Devices

  PUSB6B_12 Datasheet HTML 1Page - Protek Devices PUSB6B_12 Datasheet HTML 2Page - Protek Devices PUSB6B_12 Datasheet HTML 3Page - Protek Devices PUSB6B_12 Datasheet HTML 4Page - Protek Devices PUSB6B_12 Datasheet HTML 5Page - Protek Devices PUSB6B_12 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05101.R7 10/12
Page 1
PUSB6B
500 WATT loW cAPAciTAnce STeeRing diode/TVS ARRAY
deScRiPTion
The PUSB6B is a low capacitance steering diode TVS array, designed to protect two I/O lines from the effects of Elec-
trostatic Discharge (ESD) and Electrical Fast Transients (EFT). The PUSB6B exceeds Level 4 IEC 61000-4-2, with a peak
pulse power rating of 500 Watts for an 8/20µs waveshape.
The low capacitance of the steering diode allows the designer to protect high speed data applications. The PUSB6B
meets the IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeATUReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Low Capacitance: 15pF
• Protects Two I/O Ports and Bus Lines
• RoHS Compliant
• REACH Compliant
MechAnicAl chARAcTeRiSTicS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlicATionS
• USB Power & Data Line Protection
• RS-422 & RS-485 Network Protection
• Computer I/O Ports
• Audio/Video Inputs
• Microcontroller Interface Protection
Pin conFigURATion
So-8 PAckAge
1
2
4
8
3
5
6
7


Similar Part No. - PUSB6B_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PUSB6B PROTEC-PUSB6B_15 Datasheet
517Kb / 6P
500 WATT LOW CAPACTANCE STEERING DIODE
More results

Similar Description - PUSB6B_12

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSR05 PROTEC-PSR05_10 Datasheet
735Kb / 9P
500 WATT low capacitance steering diode/TVS array
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
500 WATT low capacitance steering diode/TVS ARRAY
SR12 PROTEC-SR12_10 Datasheet
648Kb / 8P
500 WATT low capacitance steering diode/TVS array
PSR05 PROTEC-PSR05_12 Datasheet
736Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR12 PROTEC-SR12_12 Datasheet
649Kb / 8P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4_12 Datasheet
931Kb / 9P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-4A PROTEC-PSRDAXX-4A Datasheet
397Kb / 6P
500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-6A PROTEC-PSRDAXX-6A Datasheet
397Kb / 6P
500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com