Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL0921 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 6 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
Φ =0:
)
2
cos(
1
(
2
)
(
wt
VI
t
p
+
=
≠
Φ 0:
[
]
)
sin(
)
2
sin(
2
)
cos(
))
2
cos(
1
(
2
)
sin(
)
sin(
)
cos(
)
cos(
))
2
cos(
1
(
2
)
sin(
)
sin(
)
cos(
)
cos(
)
cos(
)
cos(
)
cos(
)
(
Φ
+
Φ
+
=
Φ
+
Φ
+
=
Φ
+
Φ
×
=
Φ
+
×
=
wt
VI
wt
VI
wt
wt
VI
wt
VI
wt
wt
I
wt
V
wt
I
wt
V
t
p
p(t) is called as the instantaneous power signal. The ideal p(t) consists of the dc component and ac
component whose frequency is 2ω. The dc component is called as the average active power, that
is:
cos( )
2
VI
P
ϕ
=
The average active power is related to the cosine value of the phase difference between the voltage
signal and the current signal. This cosine value is called as Power Factor (PF) of the two channel
signals.
Figure1.
The Effect of phase
When the signal phase difference between the voltage and current channels is more than 90
°, the
average active power is negative. It indicates the user is using the electrical energy reversely.
Operation Process
In BL0921, the two ADCs digitize the voltage signals from the current and voltage transducers.
These ADCs are 16-bit second order sigma-delta with an over sampling rate of 900 kHz. This
analog input structure greatly simplifies transducer interfacing by providing a wide dynamic range
for direct connection to the transducer and also simplifying the anti-alias filter design. A
programmable gain stage in the current channel further facilitates easy transducer interfacing. A
high pass filter in the current channel removes any dc component from the current signal. This
eliminates any inaccuracies in the real power calculation due to offsets in the voltage or current
signals.
The real power calculation is derived from the instantaneous power signal. The instantaneous
power signal is generated by a direct multiplication of the current and voltage signals. In order to
extract the real power component (i.e., the dc component), the instantaneous power signal is
low-pass filtered. Figure 2 illustrates the instantaneous real power signal and shows how the real
power information can be extracted by low-pass filtering the instantaneous power signal. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com