Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8003L Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8003L
Description  INTEGRATED HALF ?밄RIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8003L Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8003L Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8003L Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8003L
Absolute Maximum Ratings
Symbol
Definition
Min.
Max.
Unit
Vcc
Low side and logic fixed supply voltage
-0.3
16
V
VB
High side floating absolute voltage
-0.3
100
V
Vs
High side floating supply offset voltage
VB-16
VB+0.3
V
PD
Package power dissipation @ TA
≤+25°C
0.625
W
RthJA
Thermal resistance, junction to ambient
200
°C/W
Recommended Operating Conditions
Symbol
Min.
Typ.
Max.
Units
VB
VS+10
VS+12
VS+15
V
VS
Note1
80
V
VHO
VS
VB
V
Vcc
10
12
15
V
VH
Vcc
48
80
V
TA
-40
125
°C
Note 1: Logic operational for VS of -5 to 80V.
Electrical Characteristics
VBIAS (VCC, VBS)=12V, unless specified otherwise.
Symbol
Definition
Min
Typ
Max
Unit
Test Conditions
VIH
Logic"1"(HIN)&"0"
(LIN) input voltage
3
V
Vcc=10 to 15V
VIL
Logic"0"(HIN)&"1"
(LIN) input voltage
0.8
V
Vcc=10 to 15V
VOH
High level output voltage, VBIAS-
VO
100
mV
IO=0A
VOL
Low level output Voltage, VO
100
mV
IO=0A
IQCC
Quiescent VCC supply current
50
100
150
uA
Vcc=15V
Vcc_uv+
Vcc supply undervoltage positive
going threshold
9.1
V
Vcc_uv-
Vcc supply undervoltage negtive
going threshold
8.3
V
IQBS
Quiescent VBS supply current
0
25
55
uA
ILK
Vs to GND leakage current
0
10
50
nA
Vs=48V
IO+
Peak source output current
130
210
mA
CL=10nF
IO-
Peak sink output current
300
430
mA
DT
Deadtime
500
600
700
nS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com