Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8003 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8003
Description  550V INTEGRATED HALF ?밄RIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8003 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8003 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8003 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.belling.com.cn
1
550V INTEGRATED HALF –BRIDGE DRIVER
BL8003
Description
The BL8003 is an integrated high-speed half
bridge power MOSFET driver. Our proprietary
DBiCMOS
technologies
provide
stable
operation
under
high
dv/dt
noise
circumstances. The output drivers feature a
high pulse current buffer stage designed for
minimum
driver
cross-conduction.
The
floating channel can be used to drive an N-
channel power MOSFET in the high side,
which operates up to 550V. The logic input is
compatible with standard CMOS or LSTTL,
down
to
3.3V
logic.
Cross
conduction
prevention logic and dead-times are built in to
simplify the applications.
Features
• DBiCMOS technologies,low power
dissipation and high output current
• Internal 5V LDO,CMOS and LSTTL
logic (5V and 3.3V) compatible
• Under voltage lockout
• Cross conduction prevention logic
• Gate drive supply range from 10V to 16V
• Internal set deadtime
• High side output in phase with HIN input
• Low side output out of phase with LIN
input.
Marking Information
Product Classification
BL8003CD8TR
Marking
DM
NN B YY
DM: Product
Code
NN: LOT NO.
B: FAB Code
YY: Date Code
Ordering Information
BL8003
□
1
□
2
□
3
Code
Description
□
1
Temperature&Rohs:
C: -40~85
°C ,Pb Free Rohs Std.
□
2
Package type:
D8: SOIC-8
□
3
Packing type:
TR: Tape&Reel (Standard)
Lead Assignments
SOIC-8
BL8003


Similar Part No. - BL8003

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8003L BELLING-BL8003L Datasheet
157Kb / 7P
INTEGRATED HALF ?밄RIDGE DRIVER
More results

Similar Description - BL8003

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3101 IRF-IR3101 Datasheet
268Kb / 10P
Half-Bridge FredFet and Integrated Driver
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
Half-Bridge FredFET and Integrated Driver
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
-550V Full Bridge Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
-550V Full Bridge Gate Driver
logo
SHANGHAI BELLING CO., L...
BL8003L BELLING-BL8003L Datasheet
157Kb / 7P
INTEGRATED HALF ?밄RIDGE DRIVER
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
TLE94XYZ INFINEON-TLE94XYZ Datasheet
617Kb / 2P
TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
03 / 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com