Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8519 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8519
Description  Built-in 2A Power MOSFET Step-down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8519 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8519 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8519 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.belling.com.cn
2
BL8519
ORDERING INFORMATION
BL8519 1
11
1 2
22
2 3
33
3
Code
Description
1
11
1
Temperature & Rohs:
C: -40~85
°C, Pb Free Rohs Std.
2
22
2
Package Type:
D8: SOP-8
3
33
3
Packing Type:
TR: Tape & Reel (Standard)
PIN CONFIGURATION
Product Classification
BL8519CD8TR
Marking
HG XX
YYBZZ
HG: Product
Code
XX: Output
Voltage
Adjustable
YY: LOT NO.
B: FAB Code
ZZ: Date Code
PIN DESCRIPTIO
BLOCK DIAGRAM
Pin No.
Symbol
Description
1
NC
Not Connected
2
VIN
Power Supply Pin
3
SW
Switching Node: PWM output connection to inductor.
4
GND
Ground Pin
5
FB
Pin for Feedback Voltage
6
NC
Not Connected
7
CE
Chip Enable Pin (Active with “H”)
8
NC
Not Connected
HGXX
YYBZZ
1 2 3 4
5
6
7
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com