Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8534 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8534
Description  High Efficiency Low Noise PFM Step-up DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8534 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8534 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8534 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.belling.com.cn
2
BL8534
ORDERING INFORMATION
BL8534
□
1
□
2
□
3
□
4
Code
Description
□
1
Temperature & Rohs:
C: -40~85
°C, Pb Free Rohs Std.
□
2
Package type:
B3: SOT-23-3
B5: SOT-23-5
C3: SOT-89-3
H: TO-92
□
3
Packing type:
TR: Tape & Reel (Standard)
BG: Bag (TO-92)
□
4
Output voltage
e.g. 25=2.5V
33=3.3V
60=6.0V
MARKING DESCRIPTION
Product Classification
BL8534CB3TR□□ Product Classification
BL8534CB5TR□□
Marking
Marking
LDXZZ
LD: Product Code
LDXZZ
LD: Product Code
X: Output Voltage
X: Output Voltage
ZZ: Date Code
ZZ: Date Code
Product Classification
BL8534CC3TR□□ Product Classification
BL8534CHBG□□
Marking
Marking
LDXX
LD: Product Code
LDXX
LD: Product Code
YYBZZ
XX: Output Voltage
YYBZZ
XX: Output Voltage
YY: LOT NO.
YY: LOT NO.
B: FAB Code
B: FAB Code
ZZ: Date Code
ZZ: Date Code
LD: Product Code;
X: Output voltage for SOT-23-3 and SOT-23-5;
XX: Output voltage for SOT-89-3 and TO-92. 25 stands for 2.5V, 60 stands for 6.0V;
Z: The Year of manufacturing, ”7” stands for year 2007, ”8” stands for year 2008;
Z: The week of manufacturing. ”A” stands for week 1, ”Z” stands for week 26, ” A ” stands for week 27, ” Z ”
stands for week 52.
Output Voltage Code For SOT-23-3 and SOT-23-5
Vout
Code
Vout
Code
Vout
Code
Vout
Code
2.5V
5
3.0V
0
3.8V
8
4.5V
5
2.7V
7
3.3V
3
4.0V
0
5.0V
0
2.8V
8
3.6V
6
4.2V
2
6.0V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com