Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8554 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8554
Description  300mA High PSRR, Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8554 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8554 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8554 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.belling.com.cn
2
BL8554
ORDERING INFORMATION
BL8554
□
1
□
2
□
3
□
4
Code
Description
□
1
Temperature&Rohs:
C:-40~85
°C ,Pb Free Rohs Std.
□
2
Package type:
A5:SC-70-5
B5A:SOT-23-5(A)
B5B:SOT-23-5(B)
B3: SOT23-3
□
3
Packing type:
TR:Tape&Reel (Standard)
□
4
Output voltage:
e.g. 15=1.5V
18=1.8V
45=4.5V
MARKING DESCRIPTON
M: Product Code
X: Output Voltage
Vout
Code
Vout
Code
Vout
Code
1.0V
0
2.3V
3
3.6V
6
1.1V
1
2.4V
4
3.7V
7
1.2V
2
2.5V
5
3.8V
8
1.3V
3
2.6V
6
3.9V
9
1.4V
4
2.7V
7
4.0V
0
1.5V
5
2.8V
8
4.1V
1
1.6V
6
2.9V
9
4.2V
2
1.7V
7
3.0V
0
4.3V
3
1.8V
8
3.1V
1
4.4V
4
1.9V
9
3.2V
2
4.5V
5
2.0V
0
3.3V
3
2.1V
1
3.4V
4
2.2V
2
3.5V
5
Y: The Year of manufacturing, ”8” stands for year
2008, ”9” stands for year 2009, and “ 0 ” stands for
year 2010.
W: The week of manufacturing. ”A” stands
for week 1,”Z” stands for week 26,” A ”
stands for week 27,” Z ” stands for week 52.
PIN CONFIGURATION
Product Classification
BL8554CA5TR□□
M: Product Code
X: Output Voltage
YW: Date Code
Product Classification
BL8554CB5ATR□□
M: Product Code
X: Output Voltage
YW: Date Code
Product Classification
BL8554CB5BTR□□
M: Product Code
X: Output Voltage
YW: Date Code
I: B type
Product Classification
BL8554CB3TR□□
M: Product Code
X: Output Voltage
YW: Date Code
Vss
Ground Pin
Vin
Supply Voltage Input
Vout
Output Voltage
CE
Chip Enable
NC
No Connection
Optional marking information:
From one source of assembly house, there are
dots in addition to formal marking information.
One is the pin1 indicator and the other is for
internal identification of the assembly house. The
dots are illustrated as below:
① Internal ID of
assembly house
② Pin 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com