Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVDA2.8LC Datasheet(PDF) 2 Page - Protek Devices

Part # SLVDA2.8LC
Description  600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVDA2.8LC Datasheet(HTML) 2 Page - Protek Devices

  SLVDA2.8LC_12 Datasheet HTML 1Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 2Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 3Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 4Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 5Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 6Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 7Page - Protek Devices SLVDA2.8LC_12 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05143.R10 10/12
Page 2
SLVDA2.8LC
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
600
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
30
Amps
Lead Soldering Temperature
I
FRM
260
°C
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARkING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAkDOWN
VOLTAGE
@1mA
V
(BR)
VOLTS
MINIMUM
SNAPBACk
VOLTAGE
@I
SB = 50mA
V
SB
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
TYPICAL
CAPACITANCE
@0V, 1Mhz
C
pF
@I
PP = 2A
V
C
VOLTS
@I
PP = 5A
V
C
VOLTS
@I
PP = 30A
V
C
VOLTS
SLVDA2.8LC
LV2.8
2.8
3.0
2.8
5.5
8.5
21.0
1.0
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com