Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA08LC Datasheet(PDF) 5 Page - Protek Devices

Part # SMDA08LC
Description  500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA08LC Datasheet(HTML) 5 Page - Protek Devices

  SMDA08LC Datasheet HTML 1Page - Protek Devices SMDA08LC Datasheet HTML 2Page - Protek Devices SMDA08LC Datasheet HTML 3Page - Protek Devices SMDA08LC Datasheet HTML 4Page - Protek Devices SMDA08LC Datasheet HTML 5Page - Protek Devices SMDA08LC Datasheet HTML 6Page - Protek Devices SMDA08LC Datasheet HTML 7Page - Protek Devices SMDA08LC Datasheet HTML 8Page - Protek Devices SMDA08LC Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05074.R10 10/12
Page 5
SMDA03LC - SMDA24LCC
SPICE MODEL
FIGURE 1
SPICE MODEL
TABLE 1 - SPICE PARAMETERS
PARAMETER
UNIT
ABD(TVS)
LCRD
BV
V
See Table 2
200
IBV
µA
1
0.01
C
jo
pF
See Table 2
5
I
S
A
See Table 2
1E-13
Vj
V
0.6
0.6
M
-
0.33
0.33
N
-
1
1
R
S
Ohms
See Table 2
0.31
TT
s
1E-8
1E-9
EG
eV
1.11
1.11
TABLE 2 - ABD SPECIFIC SPICE PARAMETERS
PART NUMBER
B
V(VOLTS)
C
jo(pF)
I
S (AMPS)
R
s(OhMS)
SMDA03LC
4.5
438
1E-11
0.21
SMDA05LC
6.0
284
1E-11
0.14
SMDA08LC
8.5
146
1E-11
0.28
SMDA12LC
13.3
123
1E-13
0.40
SMDA15LC
16.7
102
1E-13
0.52
SMDA24LC
26.7
61
1E-13
1.54
SMDA03LCC
4.5
438
1E-11
0.21
SMDA05LCC
6.0
284
1E-11
0.14
SMDA08LCC
8.5
146
1E-11
0.28
SMDA12LCC
13.3
123
1E-13
0.40
SMDA15LCC
16.7
102
1E-13
0.52
SMDA24LCC
26.7
61
1E-13
1.54
ABD - Avalanche Breakdown Diode (TVS)
LCRD: Low Capacitance Rectifier Diode
Lg - Lead Inductance
ABD
Lg
0.8nH
UNIDIRECTIONAL
BIDIRECTIONAL
LCRD
LCRD
I/O
ABD
Lg
0.8nH
LCRD
LCRD
I/O
ABD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com