Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC6K01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPC6K01
Description  General-Purpose Rectifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC6K01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPC6K01 Datasheet HTML 1Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 2Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 3Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 4Page - Toshiba Semiconductor TPC6K01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPC6K01
2006-11-06
3
Handling Precautions
The absolute maximum ratings denote the absolute maximum ratings, which are rated values that must not be exceeded
during operation, even for an instant. The following are the general derating methods that we recommend for when
designing a circuit incorporating this device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit and no greater than 50% of that of VRRM for an AC circuit. VRRM has a
temperature coefficient of 0.1%/℃. Take this temperature coefficient into account when designing a device for
operation at low temperatures.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV).
Carry out adequate heat design. If it is not possible to design a circuit with excellent heat radiation, set the margin
by using an allowable Tamax-IF (AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50 Hz sine wave, condition angle 180°. Therefore
this applies only to abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at a Tj of below 120°C under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the mounting condition of the device. When
using the device, design the circuit board and soldering land size to match the appropriate thermal resistance value.
Refer to the databook on Rectifiers for further information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com