Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9645 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9645
Description  Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9645 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9645 Datasheet HTML 28Page - Analog Devices AD9645 Datasheet HTML 29Page - Analog Devices AD9645 Datasheet HTML 30Page - Analog Devices AD9645 Datasheet HTML 31Page - Analog Devices AD9645 Datasheet HTML 32Page - Analog Devices AD9645 Datasheet HTML 33Page - Analog Devices AD9645 Datasheet HTML 34Page - Analog Devices AD9645 Datasheet HTML 35Page - Analog Devices AD9645 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9645
Data Sheet
Rev. 0 | Page 34 of 36
Bits[3:0]—Output Clock Phase Adjust
See Table 19 for details.
Table 19. Output Clock Phase Adjust Options
Output Clock (DCO),
Phase Adjust, Bits[3:0]
DCO Phase Adjustment (Degrees
Relative to D0x±/D1x± Edge)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011
660
Serial Output Data Control (Register 0x21)
The serial output data control register is used to program the
AD9645 in various output data modes, depending on the data
capture solution. Table 20 describes the various serialization
options available in the AD9645.
Resolution/Sample Rate Override (Register 0x100)
This register is designed to allow the user to downgrade the device.
Any attempt to upgrade the default speed grade results in a chip
power-down. Settings in this register are not initialized until Bit 0
of the transfer register (Register 0xFF) is written high.
User I/O Control 2 (Register 0x101)
Bits[7:1]—Open
Bit 0—SDIO Pull-Down
Bit 0 can be set to disable the internal 30 kΩ pull-down on the
SDIO pin, which can be used to limit the loading when many
devices are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bits[7:4]—Open
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM generator.
This feature is used when applying an external reference.
Bits[2:0]—Open
Table 20. SPI Register Options
Serialization Options Selected
Register 0x21
Contents
Serial Output Number
of Bits (SONB)
Frame Mode
Serial Data Mode
DCO Multiplier
Timing Diagram
0x30
16-bit
DDR two-lane bytewise
4 × f
S
See Figure 2 (default setting)
0x20
16-bit
DDR two-lane bitwise
4 × f
S
See Figure 2
0x10
16-bit
SDR two-lane bytewise
8 × f
S
See Figure 2
0x00
16-bit
SDR two-lane bitwise
8 × f
S
See Figure 2
0x34
16-bit
DDR two-lane bytewise
4 × f
S
See Figure 4
0x24
16-bit
DDR two-lane bitwise
4 × f
S
See Figure 4
0x14
16-bit
SDR two-lane bytewise
8 × f
S
See Figure 4
0x04
16-bit
SDR two-lane bitwise
8 × f
S
See Figure 4
0x40
16-bit
DDR one-lane wordwise
8 × f
S
See Figure 6
0x32
12-bit
DDR two-lane bytewise
3 × f
S
See Figure 3
0x22
12-bit
DDR two-lane bitwise
3 × f
S
See Figure 3
0x12
12-bit
SDR two-lane bytewise
6 × f
S
See Figure 3
0x02
12-bit
SDR two-lane bitwise
6 × f
S
See Figure 3
0x36
12-bit
DDR two-lane bytewise
3 × f
S
See Figure 5
0x26
12-bit
DDR two-lane bitwise
3 × f
S
See Figure 5
0x16
12-bit
SDR two-lane bytewise
6 × f
S
See Figure 5
0x06
12-bit
SDR two-lane bitwise
6 × f
S
See Figure 5
0x42
12-bit
DDR one-lane wordwise
6 × f
S
See Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com