Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2453Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXD2453Q
Description  Timing Generator for LCD Panels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2453Q Datasheet(HTML) 5 Page - Sony Corporation

  CXD2453Q Datasheet HTML 1Page - Sony Corporation CXD2453Q Datasheet HTML 2Page - Sony Corporation CXD2453Q Datasheet HTML 3Page - Sony Corporation CXD2453Q Datasheet HTML 4Page - Sony Corporation CXD2453Q Datasheet HTML 5Page - Sony Corporation CXD2453Q Datasheet HTML 6Page - Sony Corporation CXD2453Q Datasheet HTML 7Page - Sony Corporation CXD2453Q Datasheet HTML 8Page - Sony Corporation CXD2453Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
CXD2453Q
73
74
75
76
77
78
79
80
VDD
TST11
TST12
TST13
VSS
XCLR
TST14
TST15
—
—
—
—
—
I
—
—
Power supply
Test pin (connect to VDD)
Test pin (connect to VDD)
Test pin (connect to VDD)
GND
System clear (Low: All clear)
Test pin (Not connected.)
Test pin (Not connected.)
—
—
—
—
—
H
—
—
∗ H: Pull-up, L: Pull-down
Electrical Characteristics
• DC characteristics
(Topr = –20 to +75°C, VSS = 0V)
Item
Supply voltage
Input voltage 1
Input voltage 2
Input voltage 3
Input voltage 4
Output voltage 1
Output voltage 2
Output voltage 3
Input pull-up/pull-
down resistance
Current
consumption
VDD
VIH1
VIL1
VIH2
VIL2
VIH3
VIL3
VC
(center
level)
VIH4∗1
VIL4∗1
VOH
VOL
VOH
VOL
VOH
VOL
RP
IDD
Symbol
—
3.3V CMOS input
5.0V CMOS input
5.0V CMOS
Schmitt trigger input
Low amplitude
differential input
IOH = –4mA
IOL = 4mA
IOH = –8mA
IOL = 8mA
IOH = –12mA
IOL = 12mA
Pull-up VI = 0V
Pull-down VI = VDD
Master clock = 95MHz
VDD = 3.3V
Output load = 30pF
Conditions
3.0
0.65VDD
VSS
0.65VDD
VSS
0.8VDD
VSS
(VDD
×
0.606)
– 0.1
VIL4 + 0.3
VSS
VDD – 0.5
VSS
VDD – 0.5
VSS
VDD – 0.5
VSS
25
—
3.3
—
—
—
—
—
—
VDD
×
0.606
—
—
—
—
—
—
—
—
50
—
3.6
VDD
0.25VDD
VDD + 1.9
0.25VDD
VDD + 1.9
0.2VDD
(VDD
×
0.606)
+ 0.1
VDD
VIH4 – 0.3
VDD
0.4
VDD
0.4
VDD
0.4
200
40
V
k
Ω
mA
Min.
Typ.
Max.
Unit
—
SLHR, SLFR,
XCLR, SLCK1/2
CKI2, CKI4
SCLK, SDAT, SCTL,
VSYNC, HSYNC
CKI1/XCKI1,
CKI3/XCKI3
∗2
VCK, BLK, VST,
ENB, PCG
HCK1, HCK2,
HST
SLHR, XCLR
SLFR, SLCK1/2
—
Applicable pins
∗1 V
IH
4 > (max. value of VC) and VIL4 < (min. value of VC)
∗2 Output pins other than those indicated in items output voltage 2 and output voltage 3.
Pin
No.
Symbol
I/O
Description
Input pin for
open status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com