Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL44 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SSL44
Description  Surface Mount Schottk Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SSL44 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SSL44 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SSL44 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
SSL42
THRU SSL44
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Surface Mount Schottk Barrier Rectifier
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
CHARACTERISTICS
2
100
1
0
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T =
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
3.0
50
0
0
Single Phase
Inductive or
Half Wave
Resistive Load
25
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, ( C)
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
10
REVERSE VOLTAGE,(V)
Vsig=50mV
0.375
″(9.5mm) Lead Length
f=1MHz
T =25 C
4
68
1 Cycle
60
1.0
10
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
J
2.0
4.0
50
j
60Hz
20
1.4
1.2
1.0
0.01
0.1
1.0
PULSE WIDTH=300
μs
DUTY CYCLE 1%
0
0.2
0.4
0.6
T =25 C
J
0.8
10
1000
INSTANTANEOUS FORWARD VOLTAGE,(V)
20V-40V 4.0A
SSL42 THRU SSL44



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com