Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX32 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SX32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SX32 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SX32 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SX32 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-90V 3.0A
SX32 THRU SX39
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• High temperature soldering guaranteed: 260°C /10 seconds
at terminals
Case: JEDEC DO-214AC molded plastic
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes positive end (cathode)
Standard packaging: 12mm tape (EIA-481)
Weight: 0.002 ounce, 0.064 gram
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
A.Pulse Test with PW =300µsec, 2% Duty Cycle.
B.Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL (See figure 1)
Peak Forward Surge Current 8.3ms single half sine-wave superim-
posed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A (Note 1)
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage
Ta=100°C
Maximum Thermal Resistance(Note 2)
Operating and Storage Temperature Range TJ
Storage Temperature Range
3.0
80.0
0.5
17.0
V
V
V
A
A
mA
20.0
V RRM
V RMS
VDC
V
mA
°C/W
°C
SYMBOLS
I(AV)
I FSM
VF
I R
R
θJL
R
θJA
TJ
TSTG
°C
0.75
55.0
-50 to +150
-50 to +150
20.0
14.0
20.0
60.0
42.0
60.0
30.0
21.0
30.0
40.0
28.0
40.0
50.0
35.0
50.0
90.0
71.0
90.0
80.0
56.0
80.0
0.50
0.85
SX32
SX33
SX34
SX35
SX36
SX38
SX39
UNITS
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER


Similar Part No. - SX32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SX32 PANJIT-SX32 Datasheet
43Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SX32 ETC1-SX32 Datasheet
43Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
logo
Won-Top Electronics
SX32 WTE-SX32 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SX32 PANJIT-SX32 Datasheet
41Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SX32 PANJIT-SX32 Datasheet
105Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SX32

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com