Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3897MPBF Datasheet(PDF) 39 Page - International Rectifier

Part # IR3897MPBF
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897MPBF Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3897MPBF Datasheet HTML 35Page - International Rectifier IR3897MPBF Datasheet HTML 36Page - International Rectifier IR3897MPBF Datasheet HTML 37Page - International Rectifier IR3897MPBF Datasheet HTML 38Page - International Rectifier IR3897MPBF Datasheet HTML 39Page - International Rectifier IR3897MPBF Datasheet HTML 40Page - International Rectifier IR3897MPBF Datasheet HTML 41Page - International Rectifier IR3897MPBF Datasheet HTML 42Page - International Rectifier IR3897MPBF Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
- 39 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
39
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
TYPICAL OPERATING WAVEFORMS 
Vin = 12V, Vo = 1.2V, Iout = 0‐4A, Room Temperature, No Air Flow  
 
  
 
 
 
 
 
Figure 43: Feed Forward for Vin change from 7 to16V   
 
                   Figure 44: Start/Stop using S‐Ctrl pin,  
             and back to 7V, Ch2:Vo, Ch4:Vin   
 
 
              Ch1:Enable, Ch2:Vo, Ch3:pGood, Ch4:S‐Ctrl 
 
 
 
 
 
 
 
Figure 45: External Frequency Synchronization to  
 
Figure 46: Over Voltage protection,  
    800KHz from free running 600KHz , Ch1:LX, Ch2:Vo,Ch4‐Rt/Sync                                                 Ch2‐Vo,Ch3‐PGood 
 
 
 
 
 
 
 
Figure 47: Voltage Margining using Vref pin                            
       48: Voltage tracking using Vp pin     
 
 
     Ch2‐Vo,Ch3‐Vref,Ch4‐PGood 
 
 
 
           Ch2‐Vo,Ch3‐Vp,Ch4‐PGood



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com