Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3898MPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3898MPBF
Description  6A HIGHLY INTERGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3898MPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3898MPBF Datasheet HTML 17Page - International Rectifier IR3898MPBF Datasheet HTML 18Page - International Rectifier IR3898MPBF Datasheet HTML 19Page - International Rectifier IR3898MPBF Datasheet HTML 20Page - International Rectifier IR3898MPBF Datasheet HTML 21Page - International Rectifier IR3898MPBF Datasheet HTML 22Page - International Rectifier IR3898MPBF Datasheet HTML 23Page - International Rectifier IR3898MPBF Datasheet HTML 24Page - International Rectifier IR3898MPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
- 21 -
AUGUST 08, 2012 | DATA SHEET | Rev 3.3
21
IR3898
6A Highly Integrated SupIRBuckTM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
FEEDFORWARD
Feed-Forward (F.F.) is an important feature, because it can
keep the converter stable and preserve its load transient
performance when Vin varies in a large range. In IR3898,
F.F. function is enabled when Vin pin is connected to PVin
pin. In this case, the internal low dropout (LDO) regulator is
used. The PWM ramp amplitude (Vramp) is proportionally
changed with Vin to maintain Vin/Vramp almost constant
throughout Vin variation range (as shown in Fig. 10). Thus,
the control loop bandwidth and phase margin can be
maintained constant. Feed-forward function can also
minimize impact on output voltage from fast Vin change.
The maximum Vin slew rate is within 1V/µs.
If an external bias voltage is used as Vcc, Vin pin should be
connected to Vcc/LDO_Out pin instead of PVin pin. Then
the F.F. function is disabled. A re-calculation of control
loop parameters is needed for re-compensation.
0
0
Vin
PWM Ramp
12V
Ramp Offset
21V
6.8V
12V
PWM Ramp
Amplitude = 1.8V
PWM Ramp
Amplitude = 3.15V
PWM Ramp
Amplitude = 1.02V
PWM Ramp
Amplitude = 0.15xVin
Figure 10: Timing Diagram for Feed-Forward (F.F.) Function
SMART LOW DROPOUT REGULATOR (LDO)
IR3898 has an integrated low dropout (LDO) regulator
which can provide gate drive voltage for both drivers.
In order to improve overall efficiency over the entire load
range, LDO voltage is set to 6.4V (typ.) at mid- or heavy
load condition to reduce Rds(on) and thus MOSFET
conduction loss; and it is reduced to 4.4 (typ.) at light load
condition to reduce gate drive loss.
The smart LDO can select its output voltage according to
the load condition by sensing switch node (SW) voltage. At
light load condition when part of the inductor current
flows in the reverse direction (DCM=1), VSW > 0 on LDrv
falling edge in a switching cycle. If this case happens for
consecutive 256 switching cycles, the smart LDO reduces
its output to 4.4. If in any one of the 256 cycles, Vsw < 0 on
LDrv falling edge, the counter is reset and LDO voltage
doesn’t change. On the other hand, if Vsw < 0 on LDrv
falling edge (DCM=0), LDO output is increased to 6.4V. A
hysteresis band is added to Vsw comparison to avoid
chattering. Figure 11a shows the timing diagram.
Whenever device turns on, LDO always starts with 6.4V,
then goes to 4.4V/6.4V depending upon the load
condition. For internally biased single rail operation, Vin
pin should be connected to PVin pin, as shown in Figure
11b. If external bias voltage is used, Vin pin should be
connected to Vcc/LDO_Out pin, as shown in Figure 11c.
Vcc/
LDO
0
0
IL
256/Fs
...
...
...
6.4V
6.4V
4.4V
...
Figure 11a: Time Diagram for Smart LDO
IR3898
VCC/
LDO_OUT
PGnd
Vin
Vin
PVin
Figure 11b: Internally Biased Single Rail Operation
Ext
VCC
Vin
IR3898
VCC/
LDO_OUT
PGnd
Vin
PVin
Figure 11c: Use External Bias Voltage
OUTPUT VOLTAGE TRACKING AND SEQUENCING
IR3898 can accommodate user programmable tracking
and/or sequencing options using Vp, Vref, Enable, and
Power Good pins. In the block diagram presented on page
3, the error-amplifier (E/A) has been depicted with three



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com