Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCV7113F Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TCV7113F
Description  Buck DC-DC Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCV7113F Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TCV7113F Datasheet HTML 9Page - Toshiba Semiconductor TCV7113F Datasheet HTML 10Page - Toshiba Semiconductor TCV7113F Datasheet HTML 11Page - Toshiba Semiconductor TCV7113F Datasheet HTML 12Page - Toshiba Semiconductor TCV7113F Datasheet HTML 13Page - Toshiba Semiconductor TCV7113F Datasheet HTML 14Page - Toshiba Semiconductor TCV7113F Datasheet HTML 15Page - Toshiba Semiconductor TCV7113F Datasheet HTML 16Page - Toshiba Semiconductor TCV7113F Datasheet HTML 17Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TCV7113F
2012-02-28
13
η – IOUT
VIN = 5V , VOUT = 3.3V
L = 1.0
μH , COUT = 22μF ×2
LS : SSM6K411TU, CRS30I30A
Ta = 25°C
0
30
-30
20
10
-10
-20
0
30
10
-20
-30
VIN = 5V , VOUT = 1.2V
L = 1.0
μH , COUT = 22μF ×3
LS : SSM6K411TU, CRS30I30A
Ta = 25°C
-10
20
0
1
4
2
3
5
VIN = 3.3V , VOUT = 1.2V
L = 1.0
μH , COUT = 22μF ×3
LS : SSM6K411TU, CRS30I30A
Ta = 25°C
ΔVOUT – IOUT
0
20
10
-20
-30
-10
30
ΔVOUT – IOUT
ΔVOUT – IOUT
VIN = 5V , VOUT = 3.3V
L = 1.0
μH , COUT = 22μF ×2
LS : SSM6K411TU, CRS30I30A
Ta = 25°C
η – IOUT
0
80
20
100
60
40
VIN = 5V , VOUT = 1.2V
L = 1.0
μH , COUT = 22μF ×3
LS : SSM6K411TU, CRS30I30A
Ta = 25°C
VIN = 3.3V , VOUT = 1.2V
L = 1.0
μH , COUT = 22μF ×3
LS : SSM6K411TU, CRS30I30A
Ta = 25°C
η – IOUT
6
0
1
4
2
3
5
6
0.001
0.1
0.01
1
10
0
80
20
100
60
40
0.001
0.1
0.01
1
10
0
80
20
100
60
40
0.001
0.1
0.01
1
10
7
0
1
4
2
3
5
6
7
Output current IOUT (A)
Output current IOUT (A)
Output current IOUT (A)
Output current IOUT (A)
Output current IOUT (A)
Output current IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com