Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1045F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD1045F
Description  Low-Side Power Switch for Motor, Solenoid and Lamp Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1045F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD1045F Datasheet HTML 1Page - Toshiba Semiconductor TPD1045F Datasheet HTML 2Page - Toshiba Semiconductor TPD1045F Datasheet HTML 3Page - Toshiba Semiconductor TPD1045F Datasheet HTML 4Page - Toshiba Semiconductor TPD1045F Datasheet HTML 5Page - Toshiba Semiconductor TPD1045F Datasheet HTML 6Page - Toshiba Semiconductor TPD1045F Datasheet HTML 7Page - Toshiba Semiconductor TPD1045F Datasheet HTML 8Page - Toshiba Semiconductor TPD1045F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TPD1045F
2006-10-31
3
Truth Table
VIN
VDS
Output State
State
L
H
OFF
H
L
ON
Normal
L
H
OFF
H
H
current limiting(switcing)
Overcurrent
L
H
OFF
H
H
ON
Overtemperature
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS (DC)
50
V
Drain current
ID (DC)
Internally Limited
A
Input voltage
VIN
−0.3~7
V
Power dissipation(Note 3-a)
PD(1)
1.1
W
Power dissipation(Note 3-b)
PD(2)
0.425
W
Single Pulse Active Clamp Tolerance
(Note 4)
EAS
158
mJ
Active Clamp Current
IAR
5
A
Repetitive Active Clamp Tolerance
(Note 3-a) (Note 5)
EAR
0.11
mJ
Operating temperature
Topr
−40~125
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
max
Unit
113.5 (Note 3-a)
Thermal resistance, channel to
ambient
Rth(ch-a)
294.0 (Note 3-b)
°C /W
Note 3: 3-a : glass epoxy board (a)
3-b : glass epoxy board (b)
Note 4 : VDD = 25 V、Tch = 25 ℃ (initial)、L = 7.4 mH、IAR = 5 A、RG = 25 Ω
Note 5 : Repetitive rating : Pulse Width limited by maximum channel temperature.
FR-4
25.4×25.4×0.8
(unit:mm)
FR-4
25.4×25.4×0.8
(unit:mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com